Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4148W-N Arkusz danych(PDF) 5 Page - Bruckewell Technology LTD

Numer części 1N4148W-N
Szczegółowy opis  Switching Diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

1N4148W-N Arkusz danych(HTML) 5 Page - Bruckewell Technology LTD

  1N4148W-N Datasheet HTML 1Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 2Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 3Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 4Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 5Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 6Page - Bruckewell Technology LTD 1N4148W-N Datasheet HTML 7Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
1N4148W-N
Switching Diode
Publication Order Number: [1N4148W-N]
© Bruckewell Technology Corporation Rev. A -2014
Fig2: Wave soldering profile
*1. The recommended profiles are referring to IPC/JEDEC J-STD-020D & IEC-60068-2-58
*2. Chip diodes are able to stand maximum soldering temperature up to 260oC max for 10s, and the
soldering cycles with max 3 times, referring to IEC-60068-2-58
• Recommended Soldering Footprint:
Reflow/Wave Soldering
Product
Dimension/ mm
A
B
C
D
1206
3.8-4.6
2.2
0.8-1.2
1.5-1.7
• Storage Condition: Product termination solderability can degrade due to high temperature and humidity or
chemical environment. Storage condition must be in an ambient temperature of <40°C and ambient humidity
of <75%RH, and free from chemical.


Podobny numer części - 1N4148W-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 22 - 2
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
79Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
331Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-13-F DIODES-1N4148W-13-F Datasheet
340Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
1N4148W-7 DIODES-1N4148W-7 Datasheet
63Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30086 Rev. 7 - 2
More results

Podobny opis - 1N4148W-N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AiT Semiconductor Inc.
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
   SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
   SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
   SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
   SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
logo
Rohm
RLS-73 ROHM-RLS-73 Datasheet
54Kb / 2P
   Switching diode
logo
AUK corp
SDS2836F AUK-SDS2836F Datasheet
103Kb / 3P
   Switching Diode
SDS2838E AUK-SDS2838E Datasheet
104Kb / 3P
   Switching Diode
logo
Microsemi Corporation
JAN1N914 MICROSEMI-JAN1N914 Datasheet
53Kb / 2P
   SWITCHING DIODE
logo
AUK corp
SDS2838F AUK-SDS2838F Datasheet
103Kb / 3P
   Switching Diode
logo
ON Semiconductor
BAS116LT1 ONSEMI-BAS116LT1 Datasheet
63Kb / 4P
   Switching Diode
1997 REV 1
logo
Compensated Deuices Inc...
1N914 CDI-DIODE-1N914 Datasheet
68Kb / 2P
   SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com