Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8251-EVALZ Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8251-EVALZ
Szczegółowy opis  Evaluation Board for G
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8251-EVALZ Arkusz danych(HTML) 1 Page - Analog Devices

  AD8251-EVALZ_15 Datasheet HTML 1Page - Analog Devices AD8251-EVALZ_15 Datasheet HTML 2Page - Analog Devices AD8251-EVALZ_15 Datasheet HTML 3Page - Analog Devices AD8251-EVALZ_15 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Evaluation Board for G = 1, 2, 4, 8,
10 MHz, 20 V/μs Programmable Gain In-Amp
AD8251-EVALZ
Rev. 0
Evaluation boards are only intended for device evaluation and not for production purposes.
Evaluation boards as supplied “as is” and without warranties of any kind, express, implied, or
statutory including, but not limited to, any implied warranty of merchantability or fitness for a
particular purpose. No license is granted by implication or otherwise under any patents or other
intellectual property by application or use of evaluation boards. Information furnished by Analog
Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog
Devicesforitsuse,norforanyinfringementsofpatentsorotherrightsofthirdpartiesthatmayresult
from its use. Analog Devices reserves the right to change devices or specifications at any time
without notice.Trademarks and registered trademarks are the property of their respective owners.
Evaluationboardsarenotauthorizedtobeusedinlifesupportdevicesorsystems.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Quick evaluation
On-board gain control switches
SMA connectors for high speed gain testing
GENERAL DESCRIPTION
The AD8251-EVALZ is designed to enable quick evaluation of
the AD8251 programmable gain instrumentation amplifier
(PGIA). The evaluation board includes on-board gain setting
switches to quickly demonstrate the software gain program-
mability of the AD8251. In addition, an external logic generator
can be connected to the AD8251-EVALZ SMA ports to test the
gain control of the PGIA.
A1
TP4
WR
TP5
A0
TP3
VOUT
TP1
W2
W3
DGND
R6
2kΩ
W1
HI
HI
R7
2kΩ
4
5
1
10
U1
AD8251
6
2
7
9
3
8
SW1
SW2
–VS
C3
0.1µF
C5
C6
C7
C4
0.1µF
VREF
JP1
R2
IN–
TP2
R1
R3
R5
IN+
OUT
R4
C8
C1
10µF
+
+VS
–VS
C2
10µF
+
DGND
JP3
C10
GND2
GND1
R8
0Ω
+VS
HI
TP6
C9
0.1µF
TP7
1
U2
2
3
5
4
ADR392
+VS –VS
Figure 1. Schematic


Podobny numer części - AD8251-EVALZ_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8251-EVALZ AD-AD8251-EVALZ Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8251-EVALZ AD-AD8251-EVALZ Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
More results

Podobny opis - AD8251-EVALZ_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8250-EVALZ AD-AD8250-EVALZ_15 Datasheet
204Kb / 4P
   EVALUATION BOARD FOR G
REV. 0
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
logo
STMicroelectronics
STR720-EVAL STMICROELECTRONICS-STR720-EVAL Datasheet
807Kb / 32P
   Evaluation Board for STR72xF
logo
Cirrus Logic
CDB5364 CIRRUS-CDB5364 Datasheet
1Mb / 24P
   Evaluation Board for CS5364
CDB3318 CIRRUS-CDB3318 Datasheet
1Mb / 16P
   Evaluation Board for CS3318
CDB4361 CIRRUS-CDB4361 Datasheet
1Mb / 26P
   Evaluation Board for CS4361
CDB4352 CIRRUS-CDB4352 Datasheet
823Kb / 21P
   Evaluation Board for CS4352
logo
STMicroelectronics
STR910-EVAL STMICROELECTRONICS-STR910-EVAL Datasheet
89Kb / 3P
   Evaluation board for STR91xF
STR710-EVAL STMICROELECTRONICS-STR710-EVAL Datasheet
730Kb / 27P
   Evaluation Board for STR71xF
logo
Cirrus Logic
CDB3308 CIRRUS-CDB3308 Datasheet
1Mb / 16P
   Evaluation Board for CS3308
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com