Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD2S90 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD2S90
Szczegółowy opis  Low Cost, Complete 12-Bit Resolver-to-Digital Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD2S90 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD2S90_15 Datasheet HTML 4Page - Analog Devices AD2S90_15 Datasheet HTML 5Page - Analog Devices AD2S90_15 Datasheet HTML 6Page - Analog Devices AD2S90_15 Datasheet HTML 7Page - Analog Devices AD2S90_15 Datasheet HTML 8Page - Analog Devices AD2S90_15 Datasheet HTML 9Page - Analog Devices AD2S90_15 Datasheet HTML 10Page - Analog Devices AD2S90_15 Datasheet HTML 11Page - Analog Devices AD2S90_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD2S90
REV. D
–9–
REMOTE MULTIPLE SENSOR INTERFACING
The DATA output of the AD2S90 is held in a high impedance
state until
CS is taken LO. This allows a user to operate the
AD2S90 in an application with more than one converter con-
nected on the same line. Figure 16 shows four resolvers inter-
faced to four AD2S90s. Excitation for the resolvers is provided
locally by an oscillator.
SCLK, DATA and two address lines are fed down low loss
cables suitable for communication links. The two address lines
are decoded locally into
CS for the individual converters. Data
is received and transmitted using transmitters and receivers.
2-4 DECODING
(74HC139)
CS1 CS2 CS3 CS4
A0
A1
SCLK
DATA
VDD
VSS
0V
AD2S90
1
RES1
AD2S90
2
RES2
AD2S90
3
RES3
AD2S90
4
RES4
4
4
4
4
2
2
OSC
BUFFER
Figure 16. Remote Sensor Interfacing
CIRCUIT DYNAMICS/ERROR SOURCES
Transfer Function
The AD2S90 operates as a Type 2 tracking servo loop. An
integrator and VCO/counter perform the two integrations inher-
ent in a Type 2 loop.
The overall system response of the AD2S90 is that of a unity
gain second order low-pass filter, with the angle of the resolver
as the input and the digital position data as the output. Figure
17 illustrates the AD2S90 system diagram.
A2 (S)
A1 (S)
IN
VEL OUT
OUT
Figure 17. AD2S90 Transfer Function
The open-loop transfer function is given by:
θ
OUT
θ
IN
=
K1K2
s
2
(1
+ st
1 )
1
+ st
2
(5)
where:
As
K
s
st
st
1
11
2
1
1
()
=
+
+
tms
ts
1
2
10
90
=
=
.
µ
(6)
As
K
s
K
V
LSB
K
LSB V
2
2
1
2
4 875
614 400
()
./(
sec)
,
/(
sec)
=
(7)
The AD2S90 acceleration constant is given by:
KK
K
a
×
12
62
30 10
.
sec
(8)
The AD2S90’s design has been optimized with a critically
damped response. The closed-loop transfer function is given by:
θ
θ
OUT
IN
st
st
s
KK
st
KK
=
+
++
+
1
1
1
1
2
12
3
2
12
(9)
The normalized gain and phase diagrams are given in Figures 18
and 19.
5
–45
–30
–40
10
–35
1
–15
–25
–20
–10
–5
0
1k
100
FREQUENCY – Hz
10k
Figure 18. AD2S90 Gain Plot
FREQUENCY – Hz
0
–180
10k
–140
–160
10
1
–120
–100
–80
–60
–40
–20
1k
100
Figure 19. AD2S90 Phase Plot


Podobny numer części - AD2S90_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S90AP AD-AD2S90AP Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
More results

Podobny opis - AD2S90_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD2S90APZ AD-AD2S90APZ Datasheet
170Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
AD2S90 AD-AD2S90 Datasheet
168Kb / 12P
   Low Cost, Complete 12-Bit Resolver-to-Digital Converter
REV. D
logo
List of Unclassifed Man...
AU6802 ETC1-AU6802 Datasheet
416Kb / 2P
   High-speed, Digital-Tracking, Complete 10/12-Bit Resolver-to-Digital Converter
logo
Analog Devices
AD2S46 AD-AD2S46_15 Datasheet
2Mb / 8P
   LOW COST 16 BIT SYNCHRO RESOLVER TO DIGITAL CONVERTER
REV. 0
AD2S44 AD-AD2S44 Datasheet
389Kb / 8P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
AD2S44 AD-AD2S44_15 Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
AD2S44-TM18B AD-AD2S44-TM18B Datasheet
310Kb / 12P
   Low Cost, 14-Bit, Dual Channel Synchro/Resolver-to-Digital Converter
REV. B
SDC-RDC1700 AD-SDC-RDC1700_15 Datasheet
2Mb / 6P
   LOW PROFILE SYNCHRO RESOLVER TO DIGITAL CONVERTER
AD574AJNZ AD-AD574AJNZ Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
ADDAC80 AD-ADDAC80 Datasheet
774Kb / 12P
   COMPLETE LOW COST 12-BIT D/A CONVERTERS
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com