Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADW71205WSTZ Datasheet(Arkusz danych) 8 Page - Analog Devices

Numer części ADW71205WSTZ
Szczegółowy opis  12-Bit RDC with Reference Oscillator
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo 

 8 page
background image
AD2S1205
Rev. A | Page 8 of 20
RESOLVER FORMAT SIGNALS
Vr = Vp × Sin(ωt)
Vb = Vs × Sin(ωt) × Sin(θ)
(A) CLASSICAL RESOLVER
S1
S3
Va = Vs × Sin(ωt) × Cos(θ)
S2
S4
R1
R2
θ
Vr = Vp × Sin(ωt)
Vb = Vs × Sin(ωt) × Sin(θ)
(B) VARIABLE RELUCTANCE RESOLVER
S1
S3
Va = Vs × Sin(ωt) × Cos(θ)
S2
S4
R1
R2
θ
Figure 3. Classical Resolver vs. Variable Reluctance Resolver
A classical resolver is a rotating transformer that typically has a
primary winding on the rotor and two secondary windings on
the stator. A variable reluctance resolver, on the other hand, has the
primary and secondary windings on the stator and no windings
on the rotor, as shown in Figure 3; however, the saliency in this
rotor design provides the sinusoidal variation in the secondary
coupling with the angular position. For both designs, the resolver
output voltages (S3 − S1, S2 − S4) are as follows:
Sinθ
t
Sin
E
S1
S3
0
×
ω
=
)
(
(1)
Cosθ
t
Sin
E
S4
S2
0
×
ω
=
)
(
where:
θ is the shaft angle.
Sin(ωt) is the rotor excitation frequency.
E0 is the rotor excitation amplitude.
The stator windings are displaced mechanically by 90° (see
Figure 3). The primary winding is excited with an ac reference.
The amplitude of subsequent coupling onto the secondary
windings is a function of the position of the rotor (shaft)
relative to the stator. The resolver therefore produces two
output voltages (S3 − S1, S2 − S4), modulated by the sine and
cosine of the shaft angle. Resolver format signals refer to the
signals derived from the output of a resolver, as shown in
Equation 1. Figure 4 illustrates the output format.
S2 – S4
(COSINE)
S3 – S1
(SINE)
R2 – R4
(REFERENCE)
90°
180°
θ
270°
360°
Figure 4. Electrical Resolver Representation




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl