Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5429FCT521BTQB Arkusz danych(PDF) 7 Page - Integrated Device Technology

Numer części 5429FCT521BTQB
Szczegółowy opis  MULTILEVEL PIPELINE REGISTERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5429FCT521BTQB Arkusz danych(HTML) 7 Page - Integrated Device Technology

  5429FCT521BTQB Datasheet HTML 1Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 2Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 3Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 4Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 5Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 6Page - Integrated Device Technology 5429FCT521BTQB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IDT29FCT520AT/BT/CT/DT, 521AT/BT/CT/DT
MULTILEVEL PIPELINE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.2
7
ORDERING INFORMATION
2619 drw 10
Blank
Commercial
B
MIL-STD-883, Class B
P
D
L
SO
PY
E
Q
Plastic DIP
CERDIP
Leadless Chip Carrier
Small Outline IC
Shrink Small Outline Package
CERPACK
Quarter-size Small Outline Package
520AT
521AT
520BT
521BT
520CT
521CT
520DT
521DT
Multilevel Pipeline Register
Multilevel Pipeline Register
XX
Device Type
X
Package
X
29FCT
Process
Temperature
Range
Family
X
Blank
2
High Drive
Balanced Drive
54
74
-55
°C to +125°C
0
°C to +70°C
XX


Podobny numer części - 5429FCT521BTQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
5429FCT52ATD IDT-5429FCT52ATD Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATDB IDT-5429FCT52ATDB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATE IDT-5429FCT52ATE Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATEB IDT-5429FCT52ATEB Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
5429FCT52ATL IDT-5429FCT52ATL Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
More results

Podobny opis - 5429FCT521BTQB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced Micro Devices
AM29520A AMD-AM29520A Datasheet
583Kb / 12P
   Multilevel Pipeline Registers
Rev. B
logo
Intersil Corporation
HSP9520 INTERSIL-HSP9520 Datasheet
25Kb / 4P
   Multilevel Pipeline Registers
logo
Pericom Semiconductor C...
PI29FCT520T PERICOM-PI29FCT520T Datasheet
56Kb / 5P
   FAST CMOS MULTILEVEL PIPELINE REGISTERS
logo
Integrated Device Techn...
IDT29FCT520A IDT-IDT29FCT520A Datasheet
58Kb / 8P
   MULTILEVEL PIPELINE REGISTER
logo
LOGIC Devices Incorpora...
L29C520 LODEV-L29C520 Datasheet
188Kb / 8P
   4 x 8-bit Multilevel Pipeline Register
logo
Texas Instruments
SN74ALS29818 TI1-SN74ALS29818 Datasheet
189Kb / 13P
[Old version datasheet]   8-BIT DIAGNOSTICS/PIPELINE REGISTERS
CY29FCT520T TI1-CY29FCT520T_15 Datasheet
215Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
LOGIC Devices Incorpora...
LPR520 LODEV-LPR520 Datasheet
162Kb / 5P
   4 x 16-bit Multilevel Pipeline Register
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
logo
Alliance Semiconductor ...
128M-DDR1-AS4C8M16D1 ALSC-128M-DDR1-AS4C8M16D1 Datasheet
4Mb / 66P
   Internal pipeline architecture
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com