Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS052D Arkusz danych(PDF) 2 Page - Bruckewell Technology LTD

Numer części SS052D
Szczegółowy opis  SWITCHMODE SCHOTTKY RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BWTECH [Bruckewell Technology LTD]
Strona internetowa  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS052D Arkusz danych(HTML) 2 Page - Bruckewell Technology LTD

  SS052D Datasheet HTML 1Page - Bruckewell Technology LTD SS052D Datasheet HTML 2Page - Bruckewell Technology LTD SS052D Datasheet HTML 3Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Preliminary SS052D
SWITCHMODE SCHOTTKY RECTIFIER
Publication Order Number: [SS052D]
© Bruckewell Technology Corporation Rev. A -2014
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Symbol
SS052D
Unit
Maximum repetitive peak reverse voltage
VRRM
20
V
Working peak reverse voltage
VRWM
14
V
Maximum DC blocking voltage
VDC
30
V
Maximum average forward rectified current
IF(AV)
0.5
A
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
10
A
IAS = 2 A per diode
Operating junction temperature range
TJ
-50 to +125
°C
Storage temperature range
TSTG
-50 to +150
°C
Notes:
Mounted on 2” Square PC Board with 1” Square Total Pad Size, PC Board FR4.
Electrical characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage at IF=0.3A, Tj=25°C
at IF=0.5A, Tj=25°C
VF
0.34
0.42
0.50
V
Maximum reverse current per leg
Tj=25°C
IR
20
100
u
’A
at working peak reverse voltage
Tj=125°C
5
m
’A
Thermal characteristics (Tc=25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Typical thermal resistance
RθJL
15
°C/W
Rthja
80
Notes:
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test:
Pulse width ≤ 40 ms


Podobny numer części - SS052D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS0520 PANJIT-SS0520 Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Won-Top Electronics
SS0520 WTE-SS0520 Datasheet
46Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520 Datasheet
51Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
SS0520 PANJIT-SS0520 Datasheet
87Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SS0520 PANJIT-SS0520 Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Podobny opis - SS052D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bruckewell Technology L...
SS053D BWTECH-SS053D Datasheet
196Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS34MA BWTECH-SS34MA Datasheet
234Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS34MA_SS34DA BWTECH-SS34MA_SS34DA Datasheet
234Kb / 3P
   SWITCHMODE SCHOTTKY RECTIFIER
SS54A BWTECH-SS54A Datasheet
411Kb / 4P
   SWITCHMODE SCHOTTKY RECTIFIER
SS36MA BWTECH-SS36MA Datasheet
293Kb / 2P
   SWITCHMODE SCHOTTKY RECTIFIER
logo
ON Semiconductor
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
MBRB8H100T4G ONSEMI-MBRB8H100T4G Datasheet
81Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2060CT ONSEMI-MBRF2060CT Datasheet
134Kb / 4P
   SWITCHMODE Schottky Power Rectifier
December, 2009 ??Rev. 8
NBRB8H100T4G ONSEMI-NBRB8H100T4G Datasheet
138Kb / 6P
   SWITCHMODE Schottky Power Rectifier
January, 2012 ??Rev. 4
MBRF2545CT ONSEMI-MBRF2545CT Datasheet
82Kb / 4P
   SWITCHMODE??Schottky Power Rectifier
June, 2007 - Rev. 8
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com