Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD588 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD588
Szczegółowy opis  Multiple Output, High Precision, Dual-Tracking Reference
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD588 Arkusz danych(HTML) 4 Page - Analog Devices

  AD588_15 Datasheet HTML 1Page - Analog Devices AD588_15 Datasheet HTML 2Page - Analog Devices AD588_15 Datasheet HTML 3Page - Analog Devices AD588_15 Datasheet HTML 4Page - Analog Devices AD588_15 Datasheet HTML 5Page - Analog Devices AD588_15 Datasheet HTML 6Page - Analog Devices AD588_15 Datasheet HTML 7Page - Analog Devices AD588_15 Datasheet HTML 8Page - Analog Devices AD588_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD588
Rev. L | Page 4 of
20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
+VS to −VS
36 V
Power Dissipation (25°C)
600 mW
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Package Thermal Resistance (θJAJC)
90°C/25°C/W
Output Protection
All outputs safe if
shorted to ground
Table 3. Test Conditions
Voltage
Conditions
+10 V Output
−VS = –15 V, +13.5 V ≤ +VS ≤ +18 V
−10 V Output
−18 V ≤ –VS ≤ –13.5 V, +VS = +15 V
±5 V Output
+VS = +18 V, –VS = –18 V
+VS = +10.8 V, −VS = −10.8 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Podobny numer części - AD588_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD588AQ AD-AD588AQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588BQ AD-AD588BQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588JQ AD-AD588JQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588KQ AD-AD588KQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
AD588SQ AD-AD588SQ Datasheet
3Mb / 12P
   High Precision Voltage Reference
REV. D
More results

Podobny opis - AD588_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX6072 MAXIM-MAX6072 Datasheet
1Mb / 21P
   High-Precision, Dual-Output Series Voltage Reference
19-7483; Rev 0; 12/14
logo
Linear Technology
LT6658 LINER-LT6658 Datasheet
261Kb / 4P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
logo
Linear Integrated Syste...
LT6658BHMSE-2.5 LINEAR-LT6658BHMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output, High Current, Low Noise, Voltage Reference
LT6658BIMSE-2.5 LINEAR-LT6658BIMSE-2.5 Datasheet
2Mb / 30P
   Precision Dual Output,High Current, Low Noise, Voltage Reference
logo
List of Unclassifed Man...
VRE402 ETC-VRE402 Datasheet
1Mb / 20P
   Precision Dual Reference
logo
Analog Devices
ADR3625 AD-ADR3625 Datasheet
3Mb / 21P
   Precision, Micropower, High Current Output Voltage Reference
Rev. 0
logo
Cirrus Logic
VRE410 CIRRUS-VRE410 Datasheet
676Kb / 5P
   Precision Dual Voltage Reference
VRE405 CIRRUS-VRE405 Datasheet
699Kb / 5P
   Precision Dual Voltage Reference
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Artesyn Technologies
DDR12 ARTESYN-DDR12 Datasheet
310Kb / 11P
   Tracking Dual Output DC-DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com