Zakładka z wyszukiwarką danych komponentów |
|
AD626 Arkusz danych(PDF) 1 Page - Analog Devices |
|
AD626 Arkusz danych(HTML) 1 Page - Analog Devices |
1 / 13 page Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or other- wise under any patent or patent rights of Analog Devices.Trademarks and registered trademarks are the property of their respective companies. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 © 2003 Analog Devices, Inc. All rights reserved. AD626 Low Cost, Single-Supply Differential Amplifier FEATURES Pin Selectable Gains of 10 and 100 True Single-Supply Operation Single-Supply Range of +2.4 V to +10 V Dual-Supply Range of 1.2 V to 6 V Wide Output Voltage Range of 30 mV to 4.7 V Optional Low-Pass Filtering Excellent DC Performance Low Input Offset Voltage: 500 V Max Large Common-Mode Range: 0 V to +54 V Low Power: 1.2 mW (VS = +5 V) Good CMR of 90 dB Typ AC Performance Fast Settling Time: 24 s (0.01%) Includes Input Protection Series Resistive Inputs (RIN = 200 k ) RFI Filters Included Allows 50 V Continuous Overload APPLICATIONS Current Sensing Interface for Pressure Transducers, Position Indicators, Strain Gages, and Other Low Level Signal Sources PRODUCT DESCRIPTION The AD626 is a low cost, true single-supply differential amplifier designed for amplifying and low-pass filtering small differential voltages from sources having a large common-mode voltage. The AD626 can operate from either a single supply of +2.4 V to +10 V, or dual supplies of ±1.2 V to ±6 V.The input common-mode range of this amplifier is equal to 6 (+VS – 1 V) which provides a +24 V CMR while operating from a +5 V supply. Furthermore, the AD626 features a CMR of 90 dB typ. The amplifier’s inputs are protected against continuous overload of up to 50 V, and RFI filters are included in the attenuator network. The output range is +0.03 V to +4.9 V using a +5 V supply. The amplifier provides a preset gain of 10, but gains between 10 and 100 can be easily configured with an external resistor. Further- more, a gain of 100 is available by connecting the G = 100 pin to analog ground. The AD626 also offers low-pass filter capability by connecting a capacitor between the filter pin and analog ground. The AD626A and AD626B operate over the industrial temperature range of –40°C to +85°C.The AD626 is available in two 8-lead packages: a plastic mini-DIP and SOIC. 140 0 1M 60 20 1 40 0.1 120 80 100 100k 10k 1k 100 10 FREQUENCY – Hz G = 10, 100 VS = +5V G = 100 VS = 5V G = 10 VS = 5V Figure 1. Common-Mode Rejection vs. Frequency 25 0 5 15 5 2 10 1 20 4 3 SUPPLY VOLTAGE – V VCM FOR SINGLE AND DUAL SUPPLIES VCM FOR DUAL SUPPLIES ONLY Figure 2. Input Common-Mode Range vs. Supply CONNECTION DIAGRAM 8-Lead Plastic Mini-DIP (N) and SOIC (R) Packages 1 2 3 4 8 7 6 5 AD626 1/6 200k –IN ANALOG GND –VS FILTER +IN G = 100 OUT +VS 100k G = 2 G = 30 200k REV. D |
Podobny numer części - AD626_15 |
|
Podobny opis - AD626_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |