Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD628 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD628
Szczegółowy opis  High Common-Mode Voltage, Programmable Gain Difference Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD628 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD628_15 Datasheet HTML 3Page - Analog Devices AD628_15 Datasheet HTML 4Page - Analog Devices AD628_15 Datasheet HTML 5Page - Analog Devices AD628_15 Datasheet HTML 6Page - Analog Devices AD628_15 Datasheet HTML 7Page - Analog Devices AD628_15 Datasheet HTML 8Page - Analog Devices AD628_15 Datasheet HTML 9Page - Analog Devices AD628_15 Datasheet HTML 10Page - Analog Devices AD628_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD628
Rev. G | Page 6 of 20
AD628AR
AD628ARM
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
POWER SUPPLY
Operating Range
±2.25
+36
±2.25
+36
V
Quiescent Current
1.6
1.6
mA
TEMPERATURE RANGE
−40
+85
−40
+85
°C
1 To use a lower gain, see the Gain Adjustment section.
2 The addition of the difference amplifier and output amplifier offset voltage does not exceed this specification.
3 Error due to common mode as seen at the output:
]
[
10
)
(0.1)(
20
75
Gain
Amplifier
Output
VCM
OUT
×
=
V
.
4 Greater values of voltage are possible with greater or lesser values of VREF.
5 Error due to common mode as seen at the output of A1:
=
20
75
10
)
(0.1)( CM
OUT
V
A1
V
.


Podobny numer części - AD628_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD628-EVAL AD-AD628-EVAL Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628-EVAL AD-AD628-EVAL Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628-EVAL AD-AD628-EVAL Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
AD628AR AD-AD628AR Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628AR AD-AD628AR Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
More results

Podobny opis - AD628_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD628 AD-AD628 Datasheet
247Kb / 20P
   High Common-Mode Voltage Programmable Gain Difference Amplifier
REV. C
AD628 AD-AD628_06 Datasheet
453Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. F
AD628 AD-AD628_07 Datasheet
486Kb / 20P
   High Common-Mode Voltage, Programmable Gain Difference Amplifier
Rev. G
logo
Texas Instruments
INA146 TI1-INA146 Datasheet
332Kb / 15P
[Old version datasheet]   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA146 BURR-BROWN-INA146 Datasheet
129Kb / 11P
   High-Voltage, Programmable Gain DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com