Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD630 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD630
Szczegółowy opis  Balanced Modulator/Demodulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD630 Arkusz danych(HTML) 5 Page - Analog Devices

  AD630_15 Datasheet HTML 1Page - Analog Devices AD630_15 Datasheet HTML 2Page - Analog Devices AD630_15 Datasheet HTML 3Page - Analog Devices AD630_15 Datasheet HTML 4Page - Analog Devices AD630_15 Datasheet HTML 5Page - Analog Devices AD630_15 Datasheet HTML 6Page - Analog Devices AD630_15 Datasheet HTML 7Page - Analog Devices AD630_15 Datasheet HTML 8Page - Analog Devices AD630_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
REV. E
AD630
–4–
REV. E
10
15
5
1
10
100
1k
10k
100k
1M
RESISTIVE LOAD ( )
CL = 100pF
f = 1kHz
CAP IN
5k
VO
100pF
RL
Vi
5k
0
TPC 2. Output Voltage vs. Resistive
Load
INPUT VOLTAGE (V)
60
0
–60
–5
–3
4
–2
–1
1
40
20
–40
–20
–4
02
3
5
UNCOMPENSATED
COMPENSATED
TPC 5.
dV
dt
O
vs. Input Voltage
10
18
5
05
10
15
SUPPLY VOLTAGE ( V)
15
5k
100pF
Vi
5k
2k
VO
f = 1kHz
CL = 100pF
0
TPC 3. Output Voltage Swing vs.
Supply Voltage
FREQUENCY (Hz)
120
60
0
1M
100
100
80
20
40
10
1k
100k
10k
UNCOMPENSATED
10M
0
45
90
135
180
COMPENSATED
0
TPC 6. Gain and Phase vs. Frequency
FREQUENCY (Hz)
15
10
5
1k
10k
1M
100k
RL= 2k
CL = 100pF
2k
5k
5k
Vi
VO
100pF
0
TPC 1. Output Voltage vs. Frequency
FREQUENCY (Hz)
120
60
0
110
100k
100
1k
10k
100
80
40
20
TPC 4. Common-Mode Rejection
vs. Frequency
AD630–Typical Performance Characteristics
–4–


Podobny numer części - AD630_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD630A AD-AD630A Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630AD AD-AD630AD Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
AD630AD AD-AD630AD Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630AD AD-AD630AD Datasheet
494Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630AD AD-AD630AD Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
More results

Podobny opis - AD630_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD630KNZ AD-AD630KNZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_04 Datasheet
318Kb / 12P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630_V01 Datasheet
570Kb / 20P
   Balanced Modulator/Demodulator
Rev. G
logo
National Semiconductor ...
LM1596 NSC-LM1596 Datasheet
164Kb / 8P
   Balanced Modulator-Demodulator
logo
Analog Devices
AD630ARZ AD-AD630ARZ Datasheet
494Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630ADZ AD-AD630ADZ Datasheet
488Kb / 13P
   Balanced Modulator/Demodulator
REV. E
AD630 AD-AD630 Datasheet
288Kb / 8P
   Balanced Modulator/Demodulator
REV. C
logo
New Japan Radio
NJM1496 NJRC-NJM1496 Datasheet
191Kb / 6P
   DOUBLE BALANCED MODULATOR-DEMODULATOR
logo
NTE Electronics
NTE973D NTE-NTE973D Datasheet
27Kb / 4P
   Integrated Circuit Double Balanced Modulator/Demodulator
logo
RF Micro Devices
RF2713 RFMD-RF2713_1 Datasheet
337Kb / 16P
   QUADRATURE MODULATOR/DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com