Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74VHC573 Arkusz danych(PDF) 3 Page - Fairchild Semiconductor

Numer części 74VHC573
Szczegółowy opis  Octal D-Type Latch with 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC573 Arkusz danych(HTML) 3 Page - Fairchild Semiconductor

  74VHC573 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC573 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74VHC573 Rev. 1.3
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Recommended Operating Conditions(1)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to absolute maximum ratings.
Note:
1. Unused inputs must be held HIGH or LOW. They may not float.
Symbol
Parameter
Rating
VCC
Supply Voltage
–0.5V to +7.0V
VIN
DC Input Voltage
–0.5V to +7.0V
VOUT
DC Output Voltage
–0.5V to VCC + 0.5V
IIK
Input Diode Current
–20mA
IOK
Output Diode Current
±20mA
IOUT
DC Output Current
±25mA
ICC
DC VCC/GND Current
±75mA
TSTG
Storage Temperature
–65°C to +150°C
TL
Lead Temperature (Soldering, 10 seconds)
260°C
Symbol
Parameter
Rating
VCC
Supply Voltage
2.0V to +5.5V
VIN
Input Voltage
0V to +5.5V
VOUT
Output Voltage
0V to VCC
TOPR
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time,
VCC = 3.3V ± 0.3V
VCC = 5.0V ± 0.5V
0ns/V
∼ 100ns/V
0ns/V
∼ 20ns/V


Podobny numer części - 74VHC573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
74VHC573 STMICROELECTRONICS-74VHC573 Datasheet
289Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUT NON INVERTING
logo
Fairchild Semiconductor
74VHC573 FAIRCHILD-74VHC573 Datasheet
104Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
ON Semiconductor
74VHC573 ONSEMI-74VHC573 Datasheet
252Kb / 11P
   Octal D-Type Latch with 3-STATE Outputs
May 2007 Rev. 1.3
logo
Toshiba Semiconductor
74VHC573FT TOSHIBA-74VHC573FT Datasheet
175Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
More results

Podobny opis - 74VHC573

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
74F573SJX FAIRCHILD-74F573SJX Datasheet
72Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373SJX FAIRCHILD-74VHC373SJX Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC564 MOTOROLA-MC74AC564 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
MC74AC573 MOTOROLA-MC74AC573 Datasheet
211Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F573 FAIRCHILD-74F573 Datasheet
71Kb / 7P
   Octal D-Type Latch with 3-STATE Outputs
74FR573 FAIRCHILD-74FR573 Datasheet
51Kb / 6P
   Octal D-Type Latch with 3-STATE Outputs
74VHCT573A FAIRCHILD-74VHCT573A Datasheet
91Kb / 8P
   Octal D-Type Latch with 3-STATE Outputs
74VHC573 FAIRCHILD-74VHC573_07 Datasheet
252Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
74VHC373 FAIRCHILD-74VHC373_07 Datasheet
209Kb / 9P
   Octal D-Type Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC563 MOTOROLA-MC74AC563 Datasheet
216Kb / 8P
   OCTAL D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com