Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD640 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD640
Szczegółowy opis  DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD640 Arkusz danych(HTML) 4 Page - Analog Devices

  AD640_15 Datasheet HTML 1Page - Analog Devices AD640_15 Datasheet HTML 2Page - Analog Devices AD640_15 Datasheet HTML 3Page - Analog Devices AD640_15 Datasheet HTML 4Page - Analog Devices AD640_15 Datasheet HTML 5Page - Analog Devices AD640_15 Datasheet HTML 6Page - Analog Devices AD640_15 Datasheet HTML 7Page - Analog Devices AD640_15 Datasheet HTML 8Page - Analog Devices AD640_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD640
REV. C
–4–
CHIP DIMENSIONS AND
BONDING DIAGRAM
Dimensions shown in inches and (mm).
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Input Voltage (Pin 1 or Pin 20 to COM) . . . . –3 V to +300 mV
Attenuator Input Voltage (Pin 5 to Pin 3/4) . . . . . . . . . . .
±4 V
Storage Temperature Range D, E . . . . . . . . . –65
°C to +150°C
Storage Temperature Range N, P . . . . . . . . . –65
°C to +125°C
Ambient Temperature Range, Rated Performance
Industrial, AD640B . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Military, AD640T . . . . . . . . . . . . . . . . . . . –55
°C to +125°C
Commercial, AD640J . . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD640JN
0
°C to +70°C
20-Lead Plastic DIP
N-20
AD640JP
0
°C to +70°C
20-Lead PLCC
P-20A
AD640BD
–40
°C to +85°C
20-Lead Ceramic DIP
D-20
AD640BE
–40
°C to +85°C
20-Terminal Ceramic
LCC
E-20A
AD640BP
–40
°C to +85°C 20-Lead PLCC
P-20A
AD640TD/883B
–55
°C to +125°C 20-Lead Ceramic DIP
D-20
5962-9095501MRA –55
°C to +125°C 20-Lead Ceramic DIP
D-20
AD640TE/883B
–55
°C to +125°C 20-Terminal Ceramic
LCC
E-20A
5962-9095501M2A –55
°C to +125°C 20-Terminal Ceramic
LCC
E-20A
AD640TCHIPS
–55
°C to +125°CDie
AD640EB
Evaluation Board
AD640JP-REEL
0
°C to +70°C
13" Tape and Reel
P-20A
AD640JP-REEL7
0
°C to +70°C
7" Tape and Reel
P-20A
CONNECTION DIAGRAMS
20-Lead Ceramic DIP (D) Package
20-Lead PLCC (P) Package
20-Terminal Ceramic LCC (E) Package
20-Lead Plastic DIP (N) Package
9
10
11
12
13
3
2
1
20
19
18
17
16
15
14
4
5
6
7
8
TOP VIEW
(Not to Scale)
PIN 1
IDENTIFIER
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC
TOP VIEW
(Not to Scale)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
AD640
SIG –OUT
BL2
ITC
ATN LO
ATN COM
ATN COM
–VS
BL1
ATN IN
SIG –IN
SIG +IN
ATN OUT
CKT COM
RG1
RG0
RG2
LOG OUT
LOG COM
+VS
SIG +OUT
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9
1011 1213
TOP VIEW
(Not to Scale)
AD640
ATN COM
CKT COM
RG1
RG0
RG2
LOG OUT
ATN IN
BL1
–VS
ITC
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD640 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(continued from page 1)
6. The low input offset voltage of 50
µV (200 µV max) ensures
good accuracy for low level dc inputs.
7. Thermal recovery “tails,” which can obscure the response
when a small signal immediately follows a high level input,
have been minimized by special attention to design details.
8. The noise spectral density of 2 nV/
√Hz results in a noise floor of
~23
µV rms (–80 dBm) at a bandwidth of 100 MHz. The dy-
namic range using cascaded AD640s can be extended to 95 dB
by the inclusion of a simple filter between the two devices.


Podobny numer części - AD640_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
More results

Podobny opis - AD640_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD640 AD-AD640 Datasheet
278Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640JPZ AD-AD640JPZ Datasheet
240Kb / 16P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
REV. C
AD640 AD-AD640_16 Datasheet
417Kb / 19P
   DC-Coupled Demodulating 120 MHz Logarithmic Amplifier
AD641 AD-AD641 Datasheet
256Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_15 Datasheet
260Kb / 16P
   250 MHz Demodulating Logarithmic Amplifier
REV. C
AD641 AD-AD641_16 Datasheet
320Kb / 17P
   250 MHz Demodulating Logarithmic Amplifier
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606 Datasheet
448Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD606 AD-AD606_15 Datasheet
452Kb / 12P
   50 MHz, 80 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com