Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD688 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD688
Szczegółowy opis  High Precision 10 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD688 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD688_15 Datasheet HTML 4Page - Analog Devices AD688_15 Datasheet HTML 5Page - Analog Devices AD688_15 Datasheet HTML 6Page - Analog Devices AD688_15 Datasheet HTML 7Page - Analog Devices AD688_15 Datasheet HTML 8Page - Analog Devices AD688_15 Datasheet HTML 9Page - Analog Devices AD688_15 Datasheet HTML 10Page - Analog Devices AD688_15 Datasheet HTML 11Page - Analog Devices AD688_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD688
Rev. B | Page 8 of 16
NOISE PERFORMANCE AND REDUCTION
The noise generated by the AD688 is typically less than
6 µV p-p over the 0.1 Hz to 10 Hz band. Noise in a 1 MHz
bandwidth is approximately 840 µV p-p. The dominant source
of this noise is the buried Zener which contributes
approximately 140 nV/√Hz. In comparison, the op amp’s
contribution is negligible. Figure 6 shows the 0.1 Hz to 10 Hz
noise of a typical AD688.
1
µV
1mV
5s
100
90
10
0%
Figure 6. 0.1 Hz to 10 Hz Noise
If further noise reduction is desired, an optional capacitor can
be added between the noise reduction pin and ground as shown
in Figure 5. This will form a low-pass filter with the 5 kΩ RB on
the output of the Zener cell. A 1 µF capacitor will have a 3 dB
point at 32 Hz and will reduce the high frequency noise (to
1 MHz) to about 250 µV p-p. Figure 7 shows the 1 MHz noise of
a typical AD688 both with and without a 1 µF capacitor.
200
µV
50
µs
CN = 1µF
NO CN
Figure 7. Effect of 1 µF Noise Reduction Capacitor on Broadband Noise
TURN ON TIME
Upon application of power (cold start), the time required for
the output voltage to reach its final value within a specified
error is the turn on settling time. Two components normally
associated with this are: time for active circuits to settle and
time for thermal gradients on the chip to stabilize. Figure 8 and
Figure 9 show the turn on characteristics of the AD688. They
show the settling time to be about 600 µs. Note the absence of
any thermal tails when the horizontal scale is expanded to
2 ms/cm in Figure 9.
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
100
µs
10V
Figure 8. Turn On Characteristics: Electrical Turn On
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
2ms
10V
Figure 9. Turn On Characteristics: Extended Time Scale
Output turn on time is modified when an external noise
reduction capacitor is used. When present, this capacitor
presents an additional load to the internal Zener diode’s current
source, resulting in a somewhat longer turn on time. In the case
of a 1 µF capacitor, the initial turn on time is approximately
100 ms (Figure 10).
When the noise reduction feature is used, a 20 kΩ resistor
between Pin 6 and Pin 2 is required for proper startup.
100
90
10
0%
+VS
–VS
+VOUT
10V
1mV
20ms
10V
Figure 10. Turn On With 1 µF CN


Podobny numer części - AD688_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD688AQ AD-AD688AQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD688AQ AD-AD688AQ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688BQ AD-AD688BQ Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD688BQ AD-AD688BQ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
More results

Podobny opis - AD688_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com