Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD813 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD813
Szczegółowy opis  Single Supply, Low Power Triple Video Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD813 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD813_15 Datasheet HTML 3Page - Analog Devices AD813_15 Datasheet HTML 4Page - Analog Devices AD813_15 Datasheet HTML 5Page - Analog Devices AD813_15 Datasheet HTML 6Page - Analog Devices AD813_15 Datasheet HTML 7Page - Analog Devices AD813_15 Datasheet HTML 8Page - Analog Devices AD813_15 Datasheet HTML 9Page - Analog Devices AD813_15 Datasheet HTML 10Page - Analog Devices AD813_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
AD813
REV. B
–7–
Figure 5. Output Voltage Swing vs. Supply Voltage
Figure 8 Supply Current vs. Supply Voltage at Low
Voltages
Figure 9. Input Bias Current vs. Junction Temperature
Figure 6. Output Voltage Swing vs. Load Resistance
13
8
11
9
10
12
16
2
0
14
12
10
8
6
4
SUPPLY VOLTAGE –
±Volts
TA = +25 C
Figure 4. Input Common-Mode Voltage Range vs.
Supply Voltage
Figure 7. Supply Current vs. Junction Temperature
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
RL = 150
NO LOAD
20
0
020
15
5
5
10
10
15
SUPPLY VOLTAGE –
Volts
25
–25
–10
–20
–15
5
–5
0
10
15
20
–60
140
–40
120
100
80
60
40
20
0
–20
JUNCTION TEMPERATURE – C
+IB, VS = 5V, 15V
–IB, VS = 15V
–IB, VS = 5V
20
8
14
10
12
18
16
140
–40
–60
120
80
60
40
100
20
0
–20
JUNCTION TEMPERATURE – C
VS = 15V
VS = 5V
30
15
0
10
100
10k
1k
10
5
20
25
LOAD RESISTANCE –
15V SUPPLY
5V SUPPLY


Podobny numer części - AD813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
More results

Podobny opis - AD813_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD813ANZ AD-AD813ANZ Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013 Datasheet
319Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD813ANZ AD-AD813ANZ Datasheet
553Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813 Datasheet
550Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD813 AD-AD813_17 Datasheet
586Kb / 20P
   Single Supply, Low Power Triple Video Amplifier
AD813ARZ-14 AD-AD813ARZ-14 Datasheet
394Kb / 19P
   Single Supply, Low Power Triple Video Amplifier
REV. B
AD8013 AD-AD8013_15 Datasheet
322Kb / 12P
   Single Supply, Low Power, Triple Video Amplifier
REV. A
AD8013ARZ-14 AD-AD8013ARZ-14 Datasheet
221Kb / 12P
   Single Supply, Low Power, aTriple Video Amplifier
REV. A
logo
Intersil Corporation
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com