Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB221TNO Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części SB221TNO
Szczegółowy opis  Low/Medium Capacity Pushbuttons
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SB221TNO Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  SB221TNO Datasheet HTML 1Page - List of Unclassifed Manufacturers SB221TNO Datasheet HTML 2Page - List of Unclassifed Manufacturers SB221TNO Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series SB
Low/Medium Capacity Pushbuttons
www.nkk.com
C129
C
Panel Thickness
.193” (4.9mm)
SB221NO
Supplied with
AT414 Black Cap
Dimension A: .185” (4.7mm) for NO model & .150” (3.8mm) for NC model.
Dimension B Plunger Extension: .197” (5.0mm) for NO model & .161” (4.1mm) for NC model.
(13.2)
.520
Keyway
M12 P1
(13.2) Dia
.520
(2.4) Dia
.094
(15.7)
.618
(12.0)
.472
(11.0)
.433
A
B
4
1
(25.5)
1.004
(8.0)
.315
(0.8)
.031
(0.8)
.031
(8.0)
.315
(7.0)
.276
M3 x P0.5 x 4
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
Panel Thickness
.193” (4.9mm)
SB61A
Supplied with
AT414 Black Cap
Dimension A: .169” (4.3mm) for SB61 model and .130” (3.3mm) for SB63 model.
(18.6)
.732
Keyway
(12.5) Dia
.492
(11.5)
.453
(1.5)
.060
(14.0)
.551
(25.7)
1.012
(5.7)
.224
(2.4) Dia Typ
.094
(4.8) Typ
.189
A
(13.2) Dia
.520
(5.6)
.220
(11.0)
.433
M12 P1
(31.2)
1.228
6
3
2
1
4
5
COM
(0.8) Typ
.031
* UL, cULus & CSA recognized only when ordered with marking
on switch (see General Specs)
Pushbutton Position/Connected Terminals
( ) = Momentary
Electrical Capacity (Resistive)
Model
*Approvals
Pole &
Throw
Normal
Down
AC
125V
AC
250V
SB221NO
––
––
SPST
OFF
(ON)
1-4
3A
1.5A
SB221NC
SPST
ON
1-4
(OFF)
3A
1.5A
SB221TNO
––
––
SPST
OFF
(ON)
1-4
3A
1.5A
SB221TNC
SPST
ON
1-4
(OFF)
3A
1.5A
Throw &
Schematic:
Note: Terminal numbers are
actually on the switch.
SINGLE POLE WITH SOLDER LUG * OR SCREW LUG
SPST
SB221NO
14
14
SPST
SB221NC
Keyway
Suffix T =
Screw Lug
R
C
R
US
* UL & cULus recognized only when ordered with
marking on switch (see General Specs)
Pushbutton Position/Connected Terminals ( ) = Momentary
Electrical Capacity (Resistive)
Model
*Approvals
Pole &
Throw
Normal
Down
AC
125V
AC
250V
SB61A
––
ON
2-3 5-6
(ON)
2-1 5-4
10A
5A
SB61B
––
––
––
DPDT
ON
2-3 5-6
(ON)
2-1 5-4
3A
1.5A
SB63A
––
––
––
DPDT
ON
2-3 5-6
(ON) or Lockdown ON
2-1 5-4
10A
5A
Throw &
Schematic:
Note: Terminal numbers are
actually on the switch.
DOUBLE POLE WITH SOLDER LUG *
DPDT
Keyway
Lockdown for SB63A is
achieved by actuating and then
turning the button clockwise.
13
4
6
2
5
(COM)
R
C
R
US
Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.
Notes: Standard Hardware: AT504M Knurled Nut, AT508 Lockwasher, AT527M Hex Backup Nut. See Accessories & Hardware section.
* Wire harness & cable assemblies offered only in Americas.


Podobny numer części - SB221TNO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
More results

Podobny opis - SB221TNO

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nihon Kaiheiki Industry...
SB221NO NKK-SB221NO Datasheet
115Kb / 3P
   Low/Medium Capacity Pushbuttons
logo
Cooper Bussmann, Inc.
BK-GMT-X COOPER-BK-GMT-X Datasheet
85Kb / 2P
   Medium time delay, low breaking capacity
logo
Nihon Kaiheiki Industry...
SW3001A NKK-SW3001A_16 Datasheet
223Kb / 4P
   Medium Capacity Rockers
UB15SKW015C NKK-UB15SKW015C Datasheet
365Kb / 9P
   Low Profile Pushbuttons
UB215SKW01N-4JA NKK-UB215SKW01N-4JA Datasheet
271Kb / 7P
   Low Profile Pushbuttons
logo
GREATECS
UB15SKG035C-CB GREATECS-UB15SKG035C-CB Datasheet
291Kb / 6P
   Low Profile Pushbuttons
logo
Nihon Kaiheiki Industry...
UB15SKG035C-CC NKK-UB15SKG035C-CC Datasheet
960Kb / 10P
   Low Profile Pushbuttons
UB15SKW015C-CB NKK-UB15SKW015C-CB Datasheet
349Kb / 10P
   Low Profile Pushbuttons
UB215SKW015C-1JB NKK-UB215SKW015C-1JB Datasheet
404Kb / 12P
   Low Profile Pushbuttons
logo
List of Unclassifed Man...
S2AL ETC2-S2AL Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com