Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD844 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD844
Szczegółowy opis  60 MHz 2000 V/s Monolithic Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD844 Arkusz danych(HTML) 1 Page - Analog Devices

  AD844_15 Datasheet HTML 1Page - Analog Devices AD844_15 Datasheet HTML 2Page - Analog Devices AD844_15 Datasheet HTML 3Page - Analog Devices AD844_15 Datasheet HTML 4Page - Analog Devices AD844_15 Datasheet HTML 5Page - Analog Devices AD844_15 Datasheet HTML 6Page - Analog Devices AD844_15 Datasheet HTML 7Page - Analog Devices AD844_15 Datasheet HTML 8Page - Analog Devices AD844_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
60 MHz 2000 V/μs
Monolithic Op Amp
AD844
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©1989–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Wide bandwidth
60 MHz at gain of −1
33 MHz at gain of −10
Slew rate: 2000 V/μs
20 MHz full power bandwidth, 20 V p-p, RL = 500 Ω
Fast settling: 100 ns to 0.1% (10 V step)
Differential gain error: 0.03% at 4.4 MHz
Differential phase error: 0.16° at 4.4 MHz
Low offset voltage: 150 μV maximum (B Grade)
Low quiescent current: 6.5 mA
Available in tape and reel in accordance with
EIA-481-A standard
APPLICATIONS
Flash ADC input amplifiers
High speed current DAC interfaces
Video buffers and cable drivers
Pulse amplifiers
FUNCTIONAL BLOCK DIAGRAMS
NULL 1
–IN 2
+IN 3
–VS 4
NULL
8
+VS
7
OUTPUT
6
TZ
5
AD844
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead PDIP (N) and 8-Lead CERDIP (Q) Packages
NC
OFFSETNULL
–IN
NC
+IN
NC
V–
NC
NC
OFFSETNULL
V+
NC
OUTPUT
TZ
NC
NC
1
2
3
4
16
15
14
13
5
12
6
11
7
10
8
9
NC = NO CONNECT
AD844
TOP VIEW
(Not to Scale)
Figure 2. 16-Lead SOIC (R) Package
GENERAL DESCRIPTION
The AD844 is a high speed monolithic operational amplifier
fabricated using the Analog Devices, Inc., junction isolated
complementary bipolar (CB) process. It combines high band-
width and very fast large signal response with excellent dc
performance. Although optimized for use in current-to-voltage
applications and as an inverting mode amplifier, it is also suitable
for use in many noninverting applications.
The AD844 can be used in place of traditional op amps, but its
current feedback architecture results in much better ac perfor-
mance, high linearity, and an exceptionally clean pulse response.
This type of op amp provides a closed-loop bandwidth that is
determined primarily by the feedback resistor and is almost
independent of the closed-loop gain. The AD844 is free from
the slew rate limitations inherent in traditional op amps and
other current-feedback op amps. Peak output rate of change can
be over 2000 V/μs for a full 20 V output step. Settling time is
typically 100 ns to 0.1%, and essentially independent of gain.
The AD844 can drive 50 Ω loads to ±2.5 V with low distortion
and is short-circuit protected to 80 mA.
The AD844 is available in four performance grades and three
package options. In the 16-lead SOIC (RW) package, the AD844J
is specified for the commercial temperature range of 0°C to 70°C.
The AD844A and AD844B are specified for the industrial
temperature range of −40°C to +85°C and are available in the
CERDIP (Q) package. The AD844A is also available in an 8-lead
PDIP (N). The AD844S is specified over the military temperature
range of −55°C to +125°C. It is available in the 8-lead CERDIP
(Q) package. A and S grade chips and devices processed to
MIL-STD-883B, Rev. C are also available.
PRODUCT HIGHLIGHTS
1.
The AD844 is a versatile, low cost component providing an
excellent combination of ac and dc performance.
2.
It is essentially free from slew rate limitations. Rise and fall
times are essentially independent of output level.
3.
The AD844 can be operated from ±4.5 V to ±18 V power
supplies and is capable of driving loads down to 50 Ω, as
well as driving very large capacitive loads using an external
network.
4.
The offset voltage and input bias currents of the AD844 are
laser trimmed to minimize dc errors; VOS drift is typically 1
μV/°C and bias current drift is typically 9 nA/°C.
5.
The AD844 exhibits excellent differential gain and
differential phase characteristics, making it suitable for a
variety of video applications with bandwidths up to 60 MHz.
6.
The AD844 combines low distortion, low noise, and low
drift with wide bandwidth, making it outstanding as an
input amplifier for flash analog-to-digital converters (ADCs).


Podobny numer części - AD844_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD844ACHIPS AD-AD844ACHIPS Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844ACHIPS AD-AD844ACHIPS Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844ACHIPS AD-AD844ACHIPS Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844AN AD-AD844AN Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
AD844AN AD-AD844AN Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
More results

Podobny opis - AD844_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD844ANZ AD-AD844ANZ Datasheet
422Kb / 20P
   60 MHz 2000 V Monolithic Op Amp
Rev. F
AD844 AD-AD844_07 Datasheet
250Kb / 16P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844 Datasheet
493Kb / 12P
   60 MHz, 2000 V/us Monolithic Op Amp
REV. C
logo
Texas Instruments
TLV9051_1906 TI1-TLV9051_1906 Datasheet
4Mb / 70P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
TLV9051_1904 TI1-TLV9051_1904 Datasheet
3Mb / 63P
[Old version datasheet]   5-MHz, 15-V/關s High Slew-Rate, RRIO Op Amp
logo
National Semiconductor ...
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
   Quad, Wideband Monolithic Op Amp
logo
Microchip Technology
MCP660 MICROCHIP-MCP660 Datasheet
2Mb / 68P
   60 MHz, 32 V/關s Rail-to-Rail Output (RRO) Op Amps
03/25/14
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
[Old version datasheet]   11-MHz JFET Op Amp
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
   1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Linear Technology
LT1360 LINER-LT1360_15 Datasheet
229Kb / 16P
   50MHz, 800V/s Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com