Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1671 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD1671
Szczegółowy opis  Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1671 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD1671_15 Datasheet HTML 5Page - Analog Devices AD1671_15 Datasheet HTML 6Page - Analog Devices AD1671_15 Datasheet HTML 7Page - Analog Devices AD1671_15 Datasheet HTML 8Page - Analog Devices AD1671_15 Datasheet HTML 9Page - Analog Devices AD1671_15 Datasheet HTML 10Page - Analog Devices AD1671_15 Datasheet HTML 11Page - Analog Devices AD1671_15 Datasheet HTML 12Page - Analog Devices AD1671_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD1671
REV. B
–9–
Table I is a list of grounding and decoupling rules that should
be reviewed before laying out a printed circuit board.
Table I. Grounding and Decoupling Guidelines
Power Supply
Decoupling
Comment
Capacitor Values
0.1
µF (Ceramic) and 1 µF
(Tantalum) Surface Mount Chip
Capacitors Recommended to
Reduce Lead Inductance
Capacitor Locations
Directly at Positive and Negative
Supply Pins to Common Ground
Plane
Reference (REF OUT)
Capacitor Value
1
µF (Tantalum) to ACOM
Grounding
Analog Ground
Ground Plane or Wide Ground
Return Connected to the Analog
Power Supply
Reference Ground
Critical Common Connections
(REF COM)
Should be Star Connected to REF
COM (as Shown in Figure 8)
Digital Ground
Ground Plane or Wide Ground
Return Connected to the Digital
Power Supply
Analog and Digital Ground Connected Together Once at the
AD1671
UNIPOLAR (0 V TO +5 V) CALIBRATION
The AD1671 is factory trimmed to minimize offset, gain and
linearity errors. In some applications the offset and gain errors
of the AD1671 need to be externally adjusted to zero. This is
accomplished by trimming the voltage at AIN2 (Pin 22). The
circuit in Figure 9 is recommended for calibrating offset and
gain errors of the AD1671 when configured in the 0 V to +5 V
input range. If the offset trim resistor R1 is used, it should be
trimmed as follows, although a different offset can be set for a
particular system requirement. This circuit will give approxi-
mately
±5 mV of offset trim range. Nominally the AD1671 is
intended to have a 1/2 LSB offset so that the exact analog input
for a given code will be in the middle of that code (halfway be-
tween the transitions to the codes above it and below it). Thus,
the first transition (from 0000 0000 0000 to 0000 0000 0001)
will occur for an input level of +1/2 LSB (0.61 mV for 5 V
range).
The gain trim is done by applying a signal 1 1/2 LSBs below the
nominal full scale (4.998 V for a 5 V range). Trim R2 to give
the last transition (1111 1111 1110 to 1111 1111 1111). This
circuit will give approximately
±0.5% FS of adjustment range.
R2
50
GAIN
ADJ
AIN1
AIN2
5k
5k
SHA OUT
BPO/UPO
AD1671
REF IN
REF OUT
SHA
1µF
50k
+5V
–5V
OFFSET
ADJ
R1
10k
25
0 TO +5V
VIN
Figure 9. Unipolar (0 V to +5 V) Calibration
BIPOLAR ( 5 V) CALIBRATION
The connections for the bipolar
±5 V input range is shown in
Figure 10.
R2
50
GAIN
ADJ
AIN1
AIN2
5k
5k
SHA OUT
BPO/UPO
AD1671
REF IN
REF OUT
SHA
1µF
50k
+5V
–5V
OFFSET
ADJ
R1
10k
25
VIN
–5V TO +5V
Figure 10. Bipolar (
±5 V) Calibration
Bipolar calibration is similar to unipolar calibration. First, a sig-
nal 1/2 LSB above negative full scale (–4.9988 V) is applied and
R1 is trimmed to give the first transition (0000 0000 0000 to
0000 0000 0001). Then a signal 1 1/2 LSB below positive full
scale (+4.9963 V) is applied and R2 is trimmed to give the last
transition (1111 1111 1110 to 1111 1111 1111).


Podobny numer części - AD1671_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1671 AD-AD1671_17 Datasheet
201Kb / 7P
   12-Bit A/D Converter
More results

Podobny opis - AD1671_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1671 AD-AD1671 Datasheet
397Kb / 16P
   Complete 12-Bit 1.25 MSPS Monolithic A/D Converter
REV. B
AD9241 AD-AD9241 Datasheet
495Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241ASZ AD-AD9241ASZ Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD9241 AD-AD9241_17 Datasheet
530Kb / 25P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
AD9241 AD-AD9241_15 Datasheet
497Kb / 24P
   Complete 14-Bit, 1.25 MSPS Monolithic A/D Converter
REV. 0
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
AD872A AD-AD872A_15 Datasheet
783Kb / 20P
   Complete 12-Bit 10 MSPS Monolithic A/D Converter
REV. A
AD9225ARZ AD-AD9225ARZ Datasheet
914Kb / 25P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. C
AD9224 AD-AD9224_15 Datasheet
311Kb / 24P
   Complete 12-Bit, 40 MSPS Monolithic A/D Converter
REV. A
AD9225 AD-AD9225_03 Datasheet
460Kb / 24P
   Complete 12-Bit, 25 MSPS Monolithic A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com