Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SL18860DC Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części SL18860DC
Szczegółowy opis  3-Channel Clock Distribution Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SL18860DC Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SL18860DC Datasheet HTML 2Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 3Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 4Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 5Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 6Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 7Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 8Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 9Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Rev 1.8, March 16 , 2012
Page 2 of 12
SL18860DC
Additive Phase Noise
APN-2
CLKIN=26MHz and 10 kHz offset
CLKOUT1/2/3
-
-156
-
dBc/Hz
Additive Phase Noise
APN-3
CLKIN=26MHz and 100 kHz offset
CLKOUT1/2/3
-
-164
-
dBc/Hz
Power-up Time
tPU
Time for CLKOUT1/2/3 frequency to
reach valid frequency after power
supply reaches 0.9xVDDvalue
-
100
200
ns
Output Enable Time
tOE1
Time from OE raising edge to active
at outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Disable Time
tOD
Time from OE falling edge to Hi-Z at
outputs CLKOUT1/2/3
(Asynchronous)
-
25
-
ns
Output Enable Time
tOE2
Active recovery time from standby
(CLKIN=0 or 1) to active at outputs
CLKOUT1/2/3
-
100
-
ns
DC Electrical Characteristics (I-Grade)
Unless otherwise stated VDD= 3.3V+/- 10% and Operation Temperature Range -40 to +85°C
Description
Symbol
Condition
Min
Typ
Max
Unit
Operating Voltage
VDD
Operation range , 3.3V+/-10%
2.95
3.3
3.65
V
Operating Temperature
TA
I-Grade
-40
25
85
ºC
Input Low Voltage
VIL
CMOS Level, Pins 3.5, 6 and 7
VSS
-
0.3VDD
V
Input High Voltage
VIH
CMOS Level, Pins 3.5, 6 and 7
0.7VDD
-
VDD
V
Output High Voltage
VOH
IOH=-4mA , Pins 4, 8, 9 and 10
VDD-0.4
-
-
V
Output Low Voltage
VOL
IOL=-4mA, Pins 4, 8, 9 and 10
-
-
0.5
V
Input Leakage Current
ILH
VIN=VDD, Pins 5, 6 and 7
-35
-
35
μA
Input Leakage Current
ILL
VIN=GND, Pins 5, 6 and 7
-20
-
20
μA
Pull-Down Resistor
RPD
Pins 5, 6 and 7
100
150
250
Operating Supply Current
IDD1
CLKIN=26MHz,
OE1=OE2=OE3=1
-
3.4
-
mA
Operating Supply Current
IDD2
OE1=OE2=OE3=0
CLKIN=Low or High
-
-
2.0
µA
Input Capacitance
CIN
Pins 5, 6 and 7
-
3
5
pF
Load Capacitance
CL
CLKOUT1/2/3, Pins 8, 9 and 10
-
10
25
pF


Podobny numer części - SL18860DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860DCT SILABS-SL18860DCT Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
More results

Podobny opis - SL18860DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860 SILABS-SL18860 Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18861 SILABS-SL18861 Datasheet
267Kb / 12P
   3-Channel Clock Distribution Buffer
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com