Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1833 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1833
Szczegółowy opis  Multichannel, 24-Bit, 192 kHz, DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1833 Arkusz danych(HTML) 5 Page - Analog Devices

  AD1833_15 Datasheet HTML 1Page - Analog Devices AD1833_15 Datasheet HTML 2Page - Analog Devices AD1833_15 Datasheet HTML 3Page - Analog Devices AD1833_15 Datasheet HTML 4Page - Analog Devices AD1833_15 Datasheet HTML 5Page - Analog Devices AD1833_15 Datasheet HTML 6Page - Analog Devices AD1833_15 Datasheet HTML 7Page - Analog Devices AD1833_15 Datasheet HTML 8Page - Analog Devices AD1833_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. A
AD1833
–5–
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
∞C, unless otherwise noted.)
AVDD, DVDDX to AGND, DGND . . . . . . . . –0.3 V to +6.5 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD2 + 0.3 V
Analog I/O Voltage to AGND . . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Maximum Junction Temperature . . . . . . . . . . . . . . . . 150
∞C
LQFP,
qJA Thermal Impedance . . . . . . . . . . . . . . . . . 91∞C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . 215
∞C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one absolute
maximum rating may be applied at any one time.
MSB
MCLK
AUXBCLK
AUXL/
RCLK
AUX DATA
tAXDD
tAXLRD
tAXBD
Figure 5. Auxiliary Interface Timing
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD1833AST
–40
∞C to +85∞CLow Profile Quad Flat Package
ST-48
AD1833AST-REEL
–40
∞C to +85∞CLow Profile Quad Flat Package
ST-48
AD1833CST
–40
∞C to +85∞CLow Profile Quad Flat Package
ST-48
AD1833CST-REEL
–40
∞C to +85∞CLow Profile Quad Flat Package
ST-48
EVAL-AD1833EB
Evaluation Board
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate
on the human body and test equipment and can discharge without detection. Although the AD1833
features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to
high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid
performance degradation or loss of functionality.


Podobny numer części - AD1833_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833AAST AD-AD1833AAST Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833AAST-REEL AD-AD1833AAST-REEL Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833ACST AD-AD1833ACST Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
AD1833ACST-REEL AD-AD1833ACST-REEL Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
More results

Podobny opis - AD1833_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1833A AD-AD1833A_15 Datasheet
697Kb / 20P
   Multichannel, 24-Bit, 192 kHz, DAC
REV. 0
AD1833 AD-AD1833 Datasheet
419Kb / 20P
   Multichannel 24-Bit, 192 kHz, DAC
REV. 0
AD1833A AD-AD1833A Datasheet
687Kb / 20P
   24-Bit, 192 kHz, DAC
REV. 0
logo
Asahi Kasei Microsystem...
AK4359 AKM-AK4359 Datasheet
369Kb / 32P
   192 KHZ 24 BIT 8CH DAC
logo
Wolfson Microelectronic...
WM8727 WOLFSON-WM8727 Datasheet
180Kb / 16P
   24 BIT 192 KHZ STEREO DAC
logo
Analog Devices
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
logo
Cirrus Logic
CS4340A CIRRUS-CS4340A_05 Datasheet
695Kb / 21P
   24-Bit, 192 kHz Stereo DAC for Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com