Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM2615FTR845 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części SM2615FTR845
Szczegółowy opis  High temperature molded encapsulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

SM2615FTR845 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  SM2615FTR845 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM2615FTR845 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev Date: 05/20/2014
1
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
SM/SMH Series
Surface Mount Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Maximum
Dielectric
Type / Code
Working
Withstanding
Voltage
Voltage
± 75ppm/ºC
-
-
-
0.01 - 0.098
± 100ppm/ºC
5 - 10
3 - 10
1 - 10
0.1 - 10
± 20ppm/ºC
10.1 - 400
10.1 - 400
10.2 - 400
11 - 400
± 75ppm/ºC
-
-
0.05 - 0.098
0.01 - 0.098
± 100ppm/ºC
5 - 10
3 - 10
0.1 - 10
0.1 - 10
± 20ppm/ºC
10.1 - 1K
10.1 - 1K
10.2 - 1K
11 - 1K
SM4527
2W
60V
>500V
± 75ppm/ºC
0.01 - 0.05
0.01 - 0.05
SMH4527
3W
60V
>500V
± 75ppm/ºC
0.01 - 0.05
0.01 - 0.05
± 75ppm/ºC
-
-
0.05 - 0.098
0.05 - 0.098
± 100ppm/ºC
1 - 10
1 - 10
1 - 10
1 - 10
± 20ppm/ºC
10.1 - 3K
10.1 - 3K
10.2 - 3K
11 - 3K
± 75ppm/ºC
-
-
0.05 - 0.098
0.05 - 0.098
± 100ppm/ºC
1 - 10
1 - 10
1 - 10
1 - 10
± 20ppm/ºC
10.1 - 5K
10.1 - 5K
10.2 - 5K
11 - 5K
Zero ohm available on all sizes
Ohmic Range (
Ω) and Tolerance (*)
-
(*) Other resistance values available - contact factory for details
5%
1%
-
-
0.5%
1W
25V
>500V
0.1%
-
SM8035
4W
100V
>500V
>500V
SM4124
2W
50V
SM6227
3W
100V
>500V
Power Rating
(Watts)
@ 70ºC
Resistance
Temperature
Coefficient
SM2615
0.260 ± 0.015
0.280 ± 0.032
0.140 ± 0.015
0.150 ± 0.015
0.100 ± 0.015
0.090 ± 0.015
0.138
0.130
0.350
inches
6.60 ± 0.38
7.11 ± 0.81
3.56 ± 0.38
3.81 ± 0.38
2.54 ± 0.38
2.29 ± 0.38
3.51
3.30
8.89
mm
0.410 ± 0.015
0.430 ± 0.032
0.180 ± 0.015
0.240 ± 0.015
0.122 ± 0.015
0.090 ± 0.015
0.181
0.157
0.583
inches
10.41 ± 0.38
10.92 ± 0.81
4.57 ± 0.38
6.10 ± 0.38
3.10 ± 0.38
2.29 ± 0.38
4.60
3.99
14.81
mm
SM4527(*)
0.455 ± 0.015
0.475 ± 0.032
0.150 ± 0.015
0.270 ± 0.015
0.122 ± 0.015
0.105 ± 0.015
0.169
0.157
0.587
inches
0.01
Ω - 0.05Ω
11.56 ± 0.38
12.07 ± 0.81
3.81 ± 0.38
6.86 ± 0.38
3.10 ± 0.38
2.67 ± 0.38
4.29
3.99
14.91
mm
0.455 ± 0.015
0.475 ± 0.032
0.150 ± 0.015
0.270 ± 0.015
0.122 ± 0.015
0.105 ± 0.015
0.169
0.157
0.587
inches
11.56 ± 0.38
12.07 ± 0.81
3.81 ± 0.38
6.86 ± 0.38
3.10 ± 0.38
2.67 ± 0.38
4.29
3.99
14.91
mm
0.625 ± 0.015
0.645 ± 0.032
0.250 ± 0.015
0.275 ± 0.015
0.122 ± 0.015
0.130 ± 0.015
0.236
0.157
0.850
inches
15.88 ± 0.38
16.38 ± 0.81
6.35 ± 0.38
6.99 ± 0.38
3.10 ± 0.38
3.30 ± 0.38
5.99
3.99
21.59
mm
0.800 ± 0.015
0.825 ± 0.032
0.362 ± 0.015
0.350 ± 0.015
0.122 ± 0.015
0.122 ± 0.015
0.340
0.157
0.950
inches
20.32 ± 0.38
20.96 ± 0.81
9.19 ± 0.38
8.89 ± 0.38
3.10 ± 0.38
3.10 ± 0.38
8.64
3.99
24.13
mm
(*) Dimensions will vary for values >0.05Ω - contact factory for details.
SM8035
SMH4527
Type / Code
SM2615
SM4124
H
L
SM6227
Unit
W
A
Body
Length
B
Total
Length
C
Body
Height
F
Termination
Length
D
Body
Width
E
Termination
Width
Features:
• High temperature molded encapsulation
• Flex termination for absorbing thermal expansion
• All welded construction
• Non-inductive types available as NSM
• RoHS compliant / lead-free
Mechanical Specifications
Electrical Specifications


Podobny numer części - SM2615FTR845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SM2615 ETC2-SM2615 Datasheet
130Kb / 2P
   Surface Mount Wirewound Resistor
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
SM2615 ETC2-SM2615 Datasheet
131Kb / 2P
   High temperature molded encapsulation
More results

Podobny opis - SM2615FTR845

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
WSRHP VISHAY-WSRHP Datasheet
103Kb / 4P
   Molded high temperature encapsulation
Revision: 21-Oct-16
logo
List of Unclassifed Man...
SM6227FT1R00 ETC2-SM6227FT1R00 Datasheet
131Kb / 2P
   High temperature molded encapsulation
SM6227JT62R0 ETC2-SM6227JT62R0 Datasheet
130Kb / 2P
   High temperature molded encapsulation
logo
MPS Industries, Inc.
R7X1210M MPSIND-R7X1210M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
R7X1008M MPSIND-R7X1008M Datasheet
160Kb / 1P
   ENCAPSULATION MOLDED CHIP INDUCTOR
logo
Vishay Siliconix
WSCWSN VISHAY-WSCWSN Datasheet
101Kb / 3P
   All welded construction, Molded encapsulation, Wraparound terminations
Revision: 17-Feb-11
logo
Sangdest Microelectroni...
209CNQ SMC-209CNQ Datasheet
140Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and
63CPQ080 SMC-63CPQ080 Datasheet
141Kb / 5P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
400CMQ SMC-400CMQ Datasheet
210Kb / 4P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
MBR2535 SMC-MBR2535 Datasheet
204Kb / 6P
   High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com