Zakładka z wyszukiwarką danych komponentów |
|
SMAJ90A Arkusz danych(PDF) 1 Page - Bourns Electronic Solutions |
|
SMAJ90A Arkusz danych(HTML) 1 Page - Bourns Electronic Solutions |
1 / 5 page Features ■ RoHS compliant* ■ Surface Mount SMA package ■ Standoff Voltage: 5.0 to 495 volts ■ Power Dissipation: 400 watts Applications ■ IEC 61000-4-2 ESD (Min. Level 4) ■ IEC 61000-4-4 EFT ■ IEC 61000-4-5 Surge Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted) SMAJ Transient Voltage Suppressor Diode Series *RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Parameter Symbol Value Unit Minimum Peak Pulse Power Dissipation (TP = 1 ms) (Note 1,2) PPK 400 Watts Peak Forward Surge Current 8.3 ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Note 3) IFSM 40 Amps Steady State Power Dissipation @ TL = 75 °C PM(AV) 1.0 Watts Maximum Instantaneous Forward Voltage @ IPP = 35 A (For Unidirectional Units Only) VF 3.5 Volts Operating Temperature Range TJ -55 to +150 °C Storage Temperature Range TSTG -55 to +175 °C 1. Non-repetitive current pulse, per Pulse Waveform graph and derated above TA = 25 °C per Pulse Derating Curve. 2. Thermal Resistance Junction to Lead. 3. 8.3 ms Single Half-Sine Wave duty cycle = 4 pulses maximum per minute (unidirectional units only). 4. Single Phase, Half Wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20 %. General Information The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly smaller electronic components. Bourns offers Transient Voltage Suppressor Diodes for surge and ESD protection applications, in compact chip package DO-214AC (SMA) size format. The Transient Voltage Suppressor series offers a choice of Working Peak Reverse Voltage from 5 V up to 495 V and Breakdown Voltage up to 550 V. Typical fast response times are less than 1.0 ns for unidirectional devices and less than 5.0 ns for bidirectional devices from 0 V to Minimum Breakdown Voltage. Bourns® Chip Diodes conform to JEDEC standards, are easy to handle with standard pick and place equipment and the flat configuration minimizes roll away. How to Order SMAJ 5.0 CA Package SMAJ = SMA/DO-214AC Working Peak Reverse Voltage 5.0 = 5.0 VRWM (Volts) Suffix A = 5 % Tolerance Unidirectional Device CA = 5 % Tolerance Bidirectional Device Asia-Pacific: Tel: +886-2 2562-4117 Fax: +886-2 2562-4116 Europe: Tel: +41-41 768 5555 Fax: +41-41 768 5510 The Americas: Tel: +1-951 781-5500 Fax: +1-951 781-5700 www.bourns.com |
Podobny numer części - SMAJ90A |
|
Podobny opis - SMAJ90A |