Zakładka z wyszukiwarką danych komponentów |
|
SMAJ150A Arkusz danych(PDF) 3 Page - Bourns Electronic Solutions |
|
SMAJ150A Arkusz danych(HTML) 3 Page - Bourns Electronic Solutions |
3 / 5 page Product Dimensions Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. SMAJ Transient Voltage Suppressor Diode Series Recommended Footprint Physical Specifications Case ...........................................Molded plastic per UL Class 94V-0 Polarity....................... Cathode band indicates unidirectional device No cathode band indicates bidirectional device Weight .................................................. 0.002 ounces / 0.064 grams DIMENSIONS: MM (INCHES) B G F D C H E A A C B Dimension SMA (DO-214AC) A 4.06 - 4.57 (0.160 - 0.180) B 2.29 - 2.92 (0.090 - 0.115) C 1.27 - 1.63 (0.050 - 0.064) D 0.15 - 0.31 (0.006 - 0.112) E 4.83 - 5.59 (0.190 - 0.220) F 0.05 - 0.20 (0.002 - 0.008) G 2.01 - 2.62 (0.080 - 0.103) H 0.76 - 1.52 (0.030 - 0.060) DIMENSIONS: MM (INCHES) Dimension SMA (DO-214AC) A (Max.) 2.70 (0.106) B (Min.) 2.10 (0.083) C (Min.) 1.27 (0.050) |
Podobny numer części - SMAJ150A |
|
Podobny opis - SMAJ150A |