Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1849 Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1849
Szczegółowy opis  Serial-Port 16-Bit SoundPort Stereo Codec
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1849 Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1849_15 Datasheet HTML 2Page - Analog Devices AD1849_15 Datasheet HTML 3Page - Analog Devices AD1849_15 Datasheet HTML 4Page - Analog Devices AD1849_15 Datasheet HTML 5Page - Analog Devices AD1849_15 Datasheet HTML 6Page - Analog Devices AD1849_15 Datasheet HTML 7Page - Analog Devices AD1849_15 Datasheet HTML 8Page - Analog Devices AD1849_15 Datasheet HTML 9Page - Analog Devices AD1849_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD1849K
REV. A
–6–
ABSOLUTE MAXIMUM RATINGS
*
Min
Max
Unit
Power Supplies
Digital (VDD)
–0.3
+6.0
V
Analog (VCC)
–0.3
+6.0
V
Input Current
(Except Supply Pins and MOUT,
±10.0
mA
MOUTR, LOUT1R, LOUT1L,
LOUT1C)
Analog Input Voltage (Signal Pins)
–0.3
(VCC+) + 0.3 V
Digital Input Voltage (Signal Pins)
–0.3
(VDD+) + 0.3 V
Ambient Temperature (Operating)
0
70
°C
Storage Temperature
–65
+150
°C
ESD Tolerance (Human Body
500
V
Model per Method 3015.2
of MIL-STD-883B)
*Stresses greater than those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional operation
of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
WARNING: CMOS device. May be susceptible to high-voltage
transient-induced latchup.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1849K features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
PIN CONFIGURATION
44-Lead Plastic Leaded Chip Carrier
40
6
AD1849KP
SOUNDPORT
STEREO CODEC
39
29
18
17
7
28
GNDD
VDD
PIO1
PIO0
N/C
LOUT0R
LOUT0L
LOUT1L
LOUT1C
LOUT1R
COUT1
VDD
GNDD
CIN2
COUT2
PDN
C0
MINR
LINR
MINL
1
RESET
D/C
N/C = NO CONNECT
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
AD1849KP
0
°C to 70°C
44-Lead PLCC
P-44A


Podobny numer części - AD1849_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849K AD-AD1849K Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
AD1849KP AD-AD1849KP Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1849KPZ AD-AD1849KPZ Datasheet
662Kb / 28P
   Serial-Port 16-Bit SoundPort짰 Stereo Codec
REV. A
More results

Podobny opis - AD1849_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1849K AD-AD1849K Datasheet
293Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1847 AD-AD1847 Datasheet
311Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1847 AD-AD1847_15 Datasheet
241Kb / 28P
   Serial-Port 16-Bit SoundPort Stereo Codec
REV. B
AD1845 AD-AD1845_15 Datasheet
1Mb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K_15 Datasheet
242Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845 AD-AD1845 Datasheet
333Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1848K AD-AD1848K Datasheet
320Kb / 28P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. 0
AD1845JSTZ AD-AD1845JSTZ Datasheet
676Kb / 40P
   Parallel-Port 16-Bit SoundPort Stereo Codec
REV. C
AD1846 AD-AD1846 Datasheet
277Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
AD1846 AD-AD1846_15 Datasheet
249Kb / 28P
   Low Cost Parallel-Port 16-Bit SoundPort Stereo Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com