Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1855 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1855
Szczegółowy opis  Stereo, 96 kHz, Multibit DAC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1855 Arkusz danych(HTML) 5 Page - Analog Devices

  AD1855_15 Datasheet HTML 1Page - Analog Devices AD1855_15 Datasheet HTML 2Page - Analog Devices AD1855_15 Datasheet HTML 3Page - Analog Devices AD1855_15 Datasheet HTML 4Page - Analog Devices AD1855_15 Datasheet HTML 5Page - Analog Devices AD1855_15 Datasheet HTML 6Page - Analog Devices AD1855_15 Datasheet HTML 7Page - Analog Devices AD1855_15 Datasheet HTML 8Page - Analog Devices AD1855_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AD1855
–5–
REV. B
PIN FUNCTION DESCRIPTIONS
Pin
Input/Output
Pin Name
Description
1
I
DGND
Digital Ground.
2
I
MCLK
Master Clock Input. Connect to an external clock source at either 128, 256,
384 or 512 FS , based on sample rate and clock doubler mode.
3
I
CLATCH
Latch input for control data. This input is rising-edge sensitive.
4
I
CCLK
Control clock input for control data. Control input data must be valid on the
rising edge of CCLK. CCLK may be continuous or gated.
5
I
CDATA
Serial control input, MSB first, containing 16 bits of unsigned data per
channel. Used for specifying channel specific attenuation and mute.
6
I
384/
256
Selects the master clock mode as either 384 times the intended sample fre-
quency (HI) or 256 times the intended sample frequency (LO). The state of
this input should be hardwired to logic HI or logic LO, or may be changed
while the AD1855 is in power-down/reset. It must not be changed while the
AD1855 is operational.
7
I
X2MCLK
Selects internal clock doubler (LO) or internal clock = MCLK (HI).
8
O
ZEROR
Right Channel Zero Flag Output. This pin goes HI when Right Channel has
no signal input for more than 1024 LR Clock Cycles.
9
I
DEEMP
De-Emphasis. Digital de-emphasis is enabled when this input signal is HI.
This is used to impose a 50
µs/15 µs response characteristic on the output
audio spectrum at an assumed 44.1 kHz sample rate.
10
I
96/
48
Selects 48 kHz (LO) or 96 kHz Sample Frequency Control.
11, 15
I
AGND
Analog Ground.
12
O
OUTR+
Right Channel Positive line level analog output.
13
O
OUTR–
Right Channel Negative line level analog output.
14
O
FILTR
Voltage Reference Filter Capacitor Connection. Bypass and decouple the
voltage reference with parallel 10
µF and 0.1 µF capacitors to the AGND.
16
O
OUTL–
Left Channel Negative line level analog output.
17
O
OUTL+
Left Channel Positive line level analog output.
18
I
AVDD
Analog Power Supply. Connect to analog +5 V supply.
19
O
FILTB
Filter Capacitor connection, connect 10
µF capacitor to AGND.
20
I
IDPM1
Input serial data port mode control one. With IDPM0, defines one of four
serial modes.
21
I
IDPM0
Input serial data port mode control zero. With IDPM1, defines one of four
serial modes.
22
O
ZEROL
Left Channel Zero Flag output. This pin goes HI when Left Channel has no
signal input for more than 1024 LR Clock Cycles.
23
I
MUTE
Mute. Assert HI to mute both stereo analog outputs. Deassert LO for nor-
mal operation.
24
I
PD/RST
Power-Down/Reset. The AD1855 is placed in a low power consumption
mode when this pin is held LO. The AD1855 is reset on the rising edge of
this signal. The serial control port registers are reset to the default values.
Connect HI for normal operation. A reset should always be performed at
power-on.
25
I
L/
RCLK
Left/
Right clock input for input data. Must run continuously.
26
I
BCLK
Bit clock input for input data. Need not run continuously; may be gated or
used in a burst fashion.
27
I
SDATA
Serial input, MSB first, containing two channels of 16, 18, 20, and 24 bits of
twos complement data per channel.
28
I
DVDD
Digital Power Supply Connect to digital +5 V supply.


Podobny numer części - AD1855_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1855JRS AD-AD1855JRS Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1855JRSRL AD-AD1855JRSRL Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
More results

Podobny opis - AD1855_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1855 AD-AD1855 Datasheet
233Kb / 15P
   Stereo, 96 kHz, Multibit DAC
REV. B
AD1854 AD-AD1854_15 Datasheet
396Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1854 AD-AD1854 Datasheet
390Kb / 12P
   Stereo, 96 kHz, Multibit DAC
REV. A
AD1853JRSZ AD-AD1853JRSZ Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit  DAC
REV. A
AD1853 AD-AD1853 Datasheet
416Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1853 AD-AD1853_15 Datasheet
358Kb / 16P
   Stereo, 24-Bit, 192 kHz, Multibit DAC
REV. A
AD1852 AD-AD1852 Datasheet
234Kb / 16P
   Stereo, 24-Bit, 192 kHz Multibit DAC
REV. 0
EVAL-AD1871EB AD-EVAL-AD1871EB Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
AD1871 AD-AD1871 Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit ADC
REV. 0
EVAL-AD1871EBZ AD-EVAL-AD1871EBZ Datasheet
1Mb / 28P
   Stereo Audio, 24-Bit, 96 kHz, Multibit - ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com