Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1881A Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD1881A
Szczegółowy opis  AC 97 SoundMAX Codec
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1881A Arkusz danych(HTML) 1 Page - Analog Devices

  AD1881A_15 Datasheet HTML 1Page - Analog Devices AD1881A_15 Datasheet HTML 2Page - Analog Devices AD1881A_15 Datasheet HTML 3Page - Analog Devices AD1881A_15 Datasheet HTML 4Page - Analog Devices AD1881A_15 Datasheet HTML 5Page - Analog Devices AD1881A_15 Datasheet HTML 6Page - Analog Devices AD1881A_15 Datasheet HTML 7Page - Analog Devices AD1881A_15 Datasheet HTML 8Page - Analog Devices AD1881A_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD1881A
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000
AC’97 SoundMAX® Codec
FUNCTIONAL BLOCK DIAGRAM
G
A
M
G
A
M
G
A
M
SYNC
BIT_CLK
PHAT
STEREO
G
A
M
MV
MV
AD1881A
MIC1
MIC2
AUX
CD
VIDEO
LINE_OUT_L
MONO_OUT
LINE_IN
PHONE_IN
LINE_OUT_R
G = GAIN
A = ATTENUATE
M = MUTE
MV = MASTER VOLUME
NC = NO CONNECT
OSCILLATORS
XTL_OUT
XTL_IN
CS1
EAPD
MODE
RESET
SDATA_IN
CS0
MODE/SYNCHRONIZER
SDATA_OUT
G
A
M
G
A
M
G
A
M
16-BIT
D/A
CONVERTER
16-BIT
D/A
CONVERTER
PC_BEEP
PHAT
STEREO
MV
LNLVL_OUT_R
LNLVL_OUT_L
0dB/
20dB
PGA
PGA
16-BIT
A/D
CONVERTER
16-BIT
A/D
CONVERTER
SAMPLE
RATE
GENERATORS
D
A
M
G
A
M
NC
NC
POP
POP
A
M
AC’97 2.1 FEATURES
Variable Sample Rate
True Line-Level Output
Supports Secondary Codec Modes
AC’97 FEATURES
Designed for AC’97 Analog I/O Component
48-Lead LQFP Package
Multibit
Converter Architecture for Improved
S/N Ratio Greater than 90 dB
16-Bit Stereo Full-Duplex Codec
Four Analog Line-Level Stereo Inputs for Connection
from LINE, CD, VIDEO, and AUX
Two Analog Line-Level Mono Inputs for Speakerphone
and PC BEEP
Mono MIC Input Switchable from Two External
Sources
High Quality CD Input with Ground Sense
Stereo Line-Level Output
Mono Output for Speakerphone or Internal Speaker
Power Management Support
ENHANCED FEATURES
Mobile Low Power Mixer Mode
Digital Audio Mixer Mode
Full Duplex Variable 8 kHz to 48 kHz Sampling Rate
with 1 Hz Resolution
PHAT™ Stereo 3D Stereo Enhancement
Split Power Supplies (3.3 V Digital/5 V Analog)
Extended 6-Bit Master Volume Control
Audio Amp Power-Down Signal
SoundMAX is a registered trademark and PHAT is a trademark of Analog Device, Inc.


Podobny numer części - AD1881A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1881AJST AD-AD1881AJST Datasheet
261Kb / 26P
   AC??7 SoundMAX Codec
REV. 0
More results

Podobny opis - AD1881A_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL_15 Datasheet
970Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com