Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM736N Arkusz danych(PDF) 1 Page - Frontier Electronics.

Numer części KM736N
Szczegółowy opis  10mm ADJUSTABLE RF COILS (SHIELDED)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FRONTIER [Frontier Electronics.]
Strona internetowa  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM736N Arkusz danych(HTML) 1 Page - Frontier Electronics.

  KM736N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KM721N to KM738N Series
10mm ADJUSTABLE RF COILS (SHIELDED)
Rev. A
A. Electrical Specifications:
Part No.
Color
L (uH) Min.
L (uH) Nom.
L (uH) Max
Test Freq. (MHz)
Q (Min.)
KM721N
Brown
0.70
0.82
0.94
7.9
65
KM722N
Red
1.05
1.23
1.41
7.9
37
KM723N
Orange
1.50
1.75
2.00
7.9
40
KM724N
Yellow
2.04
2.4
2.76
7.9
40
KM725N
Green
2.90
3.4
3.90
7.9
39
KM726N
Blue
4.25
5.0
5.75
7.9
38
KM727N
Violet
6.00
7.1
8.20
7.9
35
KM728N
Gray
9.40
11
12.6
2.5
25
KM729N
White
12.8
15
17.2
2.5
25
KM730N
Black
18.7
22
25.3
2.5
25
KM731N
Brown *
26.4
31
35.6
2.5
25
KM732N
Red *
37.4
44
50.6
2.5
29
KM733N
Orange *
52.7
62
71.3
2.5
30
KM734N
Yellow *
79.0
92
105.0
2.5
28
KM735N
Green *
108.8
128
147.2
0.79
18
KM736N
Blue *
155
182
208
0.79
20
KM737N
Violet *
230
270
310
0.79
16
KM738N
Gray *
336
390
450
0.79
18
* - Denotes Color Dot
(With Ferrite TH Core and Plastic Sleeve)
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
KM721N to KM738N
7.0
(0.276)
7.0
(0.276)
10.2
(0.402)
12.6
0.496)
3.5
(0.138)
1.5
(0.059)
Ø0.7
(0.028)
Ø6.0
(0.236)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.5
(0.020)
±0.5
(0.020)
+1.0 (0.039)
-0.5 (0.020)
±0.2
(0.008)
+0.2 (0.008)
-0.1 (0.004)
±0.5
(0.020)
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Podobny numer części - KM736N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
KM736N FRONTIER-KM736N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM736N-LFR FRONTIER-KM736N-LFR Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
More results

Podobny opis - KM736N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Frontier Electronics.
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KM721N FRONTIER-KM721N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM739N FRONTIER-KM739N Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM739N FRONTIER-KM739N_10 Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
logo
API Delevan
0925-101K API-0925-101K Datasheet
49Kb / 1P
   Molded Shielded RF Coils
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com