Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5232 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD5232
Szczegółowy opis  Nonvolatile Memory, Dual 256-Position Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5232 Arkusz danych(HTML) 5 Page - Analog Devices

  AD5232_15 Datasheet HTML 1Page - Analog Devices AD5232_15 Datasheet HTML 2Page - Analog Devices AD5232_15 Datasheet HTML 3Page - Analog Devices AD5232_15 Datasheet HTML 4Page - Analog Devices AD5232_15 Datasheet HTML 5Page - Analog Devices AD5232_15 Datasheet HTML 6Page - Analog Devices AD5232_15 Datasheet HTML 7Page - Analog Devices AD5232_15 Datasheet HTML 8Page - Analog Devices AD5232_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
AD5232
Rev. C | Page 5 of 24
INTERFACE TIMING CHARACTERISTICS
All input control voltages are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and are timed from a voltage level of 1.5 V. Switching
characteristics are measured using both VDD = 3 V and VDD = 5 V.
Table 2.
Parameter1, 2
Symbol
Conditions
Min
Typ3
Max
Unit
Clock Cycle Time (tCYC)
t1
20
ns
CS Setup Time
t2
10
ns
CLK Shutdown Time to CS Rise
t3
1
tCYC
Input Clock Pulse Width
t4, t5
Clock level high or low
10
ns
Data Setup Time
t6
From positive CLK transition
5
ns
Data Hold Time
t7
From positive CLK transition
5
ns
CS to SDO-SPI Line Acquire
t8
40
ns
CS to SDO-SPI Line Release
t9
50
ns
CLK to SDO Propagation Delay4
t10
RP = 2.2 kΩ, CL < 20 pF
50
ns
CLK to SDO Data Hold Time
t11
RP = 2.2 kΩ, CL < 20 pF
0
ns
CS High Pulse Width5
t12
10
ns
CS High to CS High5
t13
4
tCYC
RDY Rise to CS Fall
t14
0
ns
CS Rise to RDY Fall Time
t15
0.15
0.3
ms
Store/Read EEMEM Time6
t16
Applies to Command Instruction 2, Command
Instruction 3, and Command Instruction 9
25
ms
CS Rise to Clock Rise/Fall Setup
t17
10
ns
Preset Pulse Width (Asynchronous)
tPRW
Not shown in timing diagram
50
ns
Preset Response Time to RDY High
tPRESP
PR pulsed low to refresh wiper positions
70
µs
1
Guaranteed by design; not subject to production test.
2
See the Timing Diagrams section for the location of measured values.
3
Typicals represent average readings at 25°C and VDD = 5 V.
4
Propagation delay depends on the value of VDD, RPULL-UP, and CL.
5
Valid for commands that do not activate the RDY pin.
6
RDY pin low only for Command Instruction 2, Command Instruction 3, Command Instruction 8, Command Instruction 9, Command Instruction 10, and the PR hardware pulse:
CMD_8 ~ 1 ms, CMD_9 = CMD_10 ~ 0.12 ms, and CMD_2 = CMD_3 ~ 20 ms. Device operation at TA = −40°C and VDD < 3 V extends the save time to 35 ms.


Podobny numer części - AD5232_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5232BRU10 AD-AD5232BRU10 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5232BRU10 AD-AD5232BRU10 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
AD5232BRU10 AD-AD5232BRU10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU10 AD-AD5232BRU10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRU10-REEL7 AD-AD5232BRU10-REEL7 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
More results

Podobny opis - AD5232_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com