Zakładka z wyszukiwarką danych komponentów |
|
SMBJ110CA Arkusz danych(PDF) 2 Page - Diodes Incorporated |
|
SMBJ110CA Arkusz danych(HTML) 2 Page - Diodes Incorporated |
2 / 5 page SMBJ5.0(C)A - SMBJ170(C)A Document number: DS19002 Rev. 17 - 2 2 of 5 www.diodes.com June 2009 © Diodes Incorporated SMBJ5.0(C)A - SMBJ170(C)A Electrical Characteristics @TA = 25°C unless otherwise specified Part Number Add C For Bi- Directional (Note 6) Reverse Standoff Voltage Breakdown Voltage VBR @ IT (Note 7) Test Current Max. Reverse Leakage @ VRWM (Note 8) Max. Clamping Voltage @ Ipp Max. Peak Pulse Current Ipp Marking Code See Note 4 VRWM (V) Min (V) Max (V) IT(mA) IR (μA) VC (V) (A) BI- UNI- SMBJ5.0(C)A 5.0 6.40 7.23 10 800 9.2 65.2 AE KE SMBJ6.0(C)A 6.0 6.67 7.67 10 800 10.3 58.3 AG KG SMBJ6.5(C)A 6.5 7.22 8.30 10 500 11.2 53.6 AK KK SMBJ7.0(C)A 7.0 7.78 8.95 10 200 12.0 50.0 AM KM SMBJ7.5(C)A 7.5 8.33 9.58 1.0 100 12.9 46.5 AP KP SMBJ8.0(C)A 8.0 8.89 10.23 1.0 50 13.6 44.1 AR KR SMBJ8.5(C)A 8.5 9.44 10.82 1.0 10 14.4 41.7 AT KT SMBJ9.0(C)A 9.0 10.00 11.50 1.0 5.0 15.4 39.0 AV KV SMBJ10(C)A 10.0 11.10 12.80 1.0 5.0 17.0 35.3 AX KX SMBJ11(C)A 11.0 12.20 14.40 1.0 5.0 18.2 33.0 AZ KZ SMBJ12(C)A 12.0 13.30 15.30 1.0 5.0 19.9 30.2 BE LE SMBJ13(C)A 13.0 14.40 16.50 1.0 5.0 21.5 27.9 BG LG SMBJ14(C)A 14.0 15.60 17.90 1.0 5.0 23.2 25.8 BK LK SMBJ15(C)A 15.0 16.70 19.20 1.0 5.0 24.4 24.0 BM LM SMBJ16(C)A 16.0 17.80 20.50 1.0 5.0 26.0 23.1 BP LP SMBJ17(C)A 17.0 18.90 21.70 1.0 5.0 27.6 21.7 BR LR SMBJ18(C)A 18.0 20.00 23.30 1.0 5.0 29.2 20.5 BT LT SMBJ20(C)A 20.0 22.20 25.50 1.0 5.0 32.4 18.5 BV LV SMBJ22(C)A 22.0 24.40 28.00 1.0 5.0 35.5 16.9 BX LX SMBJ24(C)A 24.0 26.70 30.70 1.0 5.0 38.9 15.4 BZ LZ SMBJ26(C)A 26.0 28.90 33.20 1.0 5.0 42.1 14.2 CE ME SMBJ28(C)A 28.0 31.10 35.80 1.0 5.0 45.4 13.2 CG MG SMBJ30(C)A 30.0 33.30 38.30 1.0 5.0 48.4 12.4 CK MK SMBJ33(C)A 33.0 36.70 42.20 1.0 5.0 53.3 11.3 CM MM SMBJ36(C)A 36.0 40.00 46.00 1.0 5.0 58.1 10.3 CP MP SMBJ40(C)A 40.0 44.40 51.10 1.0 5.0 64.5 9.3 CR MR SMBJ43(C)A 43.0 47.80 54.90 1.0 5.0 69.4 8.6 CT MT SMBJ45(C)A 45.0 50.00 57.50 1.0 5.0 72.7 8.3 CV MV SMBJ48(C)A 48.0 53.30 61.30 1.0 5.0 77.4 7.7 CX MX SMBJ51(C)A 51.0 56.70 65.20 1.0 5.0 82.4 7.3 CZ MZ SMBJ54(C)A 54.0 60.00 69.00 1.0 5.0 87.1 6.9 DE NE SMBJ58(C)A 58.0 64.40 74.60 1.0 5.0 93.6 6.4 DG NG SMBJ60(C)A 60.0 66.70 76.70 1.0 5.0 96.8 6.2 DK NK SMBJ64(C)A 64.0 71.10 81.80 1.0 5.0 103.0 5.8 DM NM SMBJ70(C)A 70.0 77.80 89.50 1.0 5.0 113.0 5.3 DP NP SMBJ75(C)A 75.0 83.30 95.80 1.0 5.0 121.0 4.9 DR NR SMBJ78(C)A 78.0 86.70 99.70 1.0 5.0 126.0 4.7 DT NT SMBJ85(C)A 85.0 94.40 108.20 1.0 5.0 137.0 4.4 DV NV SMBJ90(C)A 90.0 100.0 115.50 1.0 5.0 146.0 4.1 DX NX SMBJ100(C)A 100.0 111.0 128.00 1.0 5.0 162.0 3.7 DZ NZ SMBJ110(C)A 110.0 122.0 140.00 1.0 5.0 177.0 3.4 EE PE SMBJ120(C)A 120.0 133.0 153.00 1.0 5.0 193.0 3.1 EG PG SMBJ130(C)A 130.0 144.0 165.50 1.0 5.0 209.0 2.9 EK PK SMBJ150(C)A 150.0 167.0 192.50 1.0 5.0 243.0 2.5 EM PM SMBJ160(C)A 160.0 178.0 205.00 1.0 5.0 259.0 2.3 EP PP SMBJ170(C)A 170.0 189.0 217.50 1.0 5.0 275.0 2.2 ER PR Notes: 6. Suffix C denotes Bi-directional device. 7. VBR measured with IT current pulse = 300μs 8. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled. |
Podobny numer części - SMBJ110CA |
|
Podobny opis - SMBJ110CA |