Zakładka z wyszukiwarką danych komponentów |
|
AD5325BRM-REEL7 Arkusz danych(PDF) 3 Page - Analog Devices |
|
AD5325BRM-REEL7 Arkusz danych(HTML) 3 Page - Analog Devices |
3 / 24 page AD5305/AD5315/AD5325 Rev. G | Page 3 of 24 SPECIFICATIONS VDD = 2.5 V to 5.5 V, VREF = 2 V, RL = 2 kΩ to GND, CL = 200 pF to GND, all specifications TMIN to TMAX, unless otherwise noted. Table 1. A Version1 B Version1 Parameter2 Min Typ Max Min Typ Max Unit Conditions/Comments DC PERFORMANCE3, 4 AD5305 Resolution 8 8 Bits Relative Accuracy ±0.15 ±1 ±0.15 ±0.625 LSB Differential Nonlinearity ±0.02 ±0.25 ±0.02 ±0.25 LSB Guaranteed monotonic by design over all codes AD5315 Resolution 10 10 Bits Relative Accuracy ±0.5 ±4 ±0.5 ±2.5 LSB Differential Nonlinearity ±0.05 ±0.5 ±0.05 ±0.5 LSB Guaranteed monotonic by design over all codes AD5325 Resolution 12 12 Bits Relative Accuracy ±2 ±16 ±2 ±10 LSB Differential Nonlinearity ±0.2 ±1 ±0.2 ±1 LSB Guaranteed monotonic by design over all codes Offset Error ±0.4 ±3 ±0.4 ±3 % of FSR Gain Error ±0.15 ±1 ±0.15 ±1 % of FSR Lower Deadband 20 60 20 60 mV Lower deadband exists only if offset error is negative Offset Error Drift5 −12 −12 ppm of FSR/°C Gain Error Drift5 −5 −5 ppm of FSR/°C Power Supply Rejection Ratio5 –60 –60 dB ∆VDD = ±10% DC Crosstalk5 200 200 μV RL = 2 kΩ to GND or VDD DAC REFERENCE INPUTS5 VREF Input Range 0.25 VDD 0.25 VDD V VREF Input Impedance 37 45 37 45 kΩ Normal operation >10 >10 MΩ Power-down mode Reference Feedthrough −90 −90 dB Frequency = 10 kHz OUTPUT CHARACTERISTICS5 Minimum Output Voltage6 0.001 0.001 V A measure of the minimum and maximum drive capability of the output amplifier Maximum Output Voltage6 VDD − 0.001 VDD − 0.001 V DC Output Impedance 0.5 0.5 Ω Short-Circuit Current 25 25 mA VDD = 5 V 16 16 mA VDD = 3 V Power-Up Time 2.5 2.5 μs Coming out of power-down mode VDD = 5 V 5 5 μs Coming out of power-down mode VDD = 3 V |
Podobny numer części - AD5325BRM-REEL7 |
|
Podobny opis - AD5325BRM-REEL7 |