Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5328BRU-REEL Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5328BRU-REEL
Szczegółowy opis  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5328BRU-REEL Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5328BRU-REEL Datasheet HTML 6Page - Analog Devices AD5328BRU-REEL Datasheet HTML 7Page - Analog Devices AD5328BRU-REEL Datasheet HTML 8Page - Analog Devices AD5328BRU-REEL Datasheet HTML 9Page - Analog Devices AD5328BRU-REEL Datasheet HTML 10Page - Analog Devices AD5328BRU-REEL Datasheet HTML 11Page - Analog Devices AD5328BRU-REEL Datasheet HTML 12Page - Analog Devices AD5328BRU-REEL Datasheet HTML 13Page - Analog Devices AD5328BRU-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD5308/AD5318/AD5328
Rev. F | Page 10 of 28
MAX INL
MAX DNL
MIN INL
0.50
0.25
0
–0.25
–0.50
012
34
5
TA = 25°C
VDD = 5V
MIN DNL
VREF (V)
Figure 10. AD5308 INL and DNL Error vs. VREF
TEMPERATURE (°C)
0.5
0.2
–0.5
– 40
0
40
0
–0.2
80
120
–0.4
–0.3
–0.1
0.1
0.3
0.4
VREF = 3V
VDD = 5V
MAX INL
MIN DNL
MIN INL
MAX DNL
Figure 11. AD5308 INL Error and DNL Error vs. Temperature
–1.0
–0.5
0
0.5
1.0
TEMPERATURE (
°C)
0
–40
40
80
120
VDD = 5V
VREF = 2V
OFFSET ERROR
GAIN ERROR
Figure 12. AD5308 Offset Error and Gain Error vs. Temperature
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
23
0
1
456
VDD (V)
TA = 25°C
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. Offset Error and Gain Error vs. VDD
0
1
2
3
4
5
23
01
4
5
SINK/SOURCE CURRENT (mA)
6
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 14. VOUT Source and Sink Current Capability
DAC CODE
1.0
ZERO SCALE
FULL SCALE
0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
HALF SCALE
TA = 25°C
VDD = 5V
Figure 15. Supply Current vs. DAC Code


Podobny numer części - AD5328BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5328BRU-REEL AD-AD5328BRU-REEL Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328BRU-REEL7 AD-AD5328BRU-REEL7 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

Podobny opis - AD5328BRU-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5308 AD-AD5308_11 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com