Zakładka z wyszukiwarką danych komponentów |
|
AD5334 Arkusz danych(PDF) 6 Page - Analog Devices |
|
AD5334 Arkusz danych(HTML) 6 Page - Analog Devices |
6 / 20 page REV. 0 AD5334/AD5335/AD5336/AD5344 –6– AD5335 FUNCTIONAL BLOCK DIAGRAM . . . . . . VOUTA BUFFER GND AD5335 VOUTB VOUTC VOUTD TO ALL DACS AND BUFFERS POWER-DOWN LOGIC PD DAC REGISTER VREFC/D INTER- FACE LOGIC VDD VREFA/B HBEN DB7 DB0 CS WR A0 A1 CLR LDAC RESET POWER-ON RESET HIGH BYTE REGISTER BUFFER BUFFER BUFFER DAC REGISTER DAC REGISTER DAC REGISTER LOW BYTE REGISTER HIGH BYTE REGISTER HIGH BYTE REGISTER HIGH BYTE REGISTER LOW BYTE REGISTER LOW BYTE REGISTER LOW BYTE REGISTER 10-BIT DAC 10-BIT DAC 10-BIT DAC 10-BIT DAC AD5335 PIN FUNCTION DESCRIPTIONS Pin No. Mnemonic Function 1VREFC/D Unbuffered Reference Input for DACs C and D. 2VREFA/B Unbuffered Reference Input for DACs A and B. 3VOUTA Output of DAC A. Buffered output with rail-to-rail operation. 4VOUTB Output of DAC B. Buffered output with rail-to-rail operation. 5VOUTC Output of DAC C. Buffered output with rail-to-rail operation. 6VOUTD Output of DAC D. Buffered output with rail-to-rail operation. 7 GND Ground Reference Point for All Circuitry on the Part. 8 CS Active Low Chip Select Input. This is used in conjunction with WR to write data to the parallel interface. 9 WR Active Low Write Input. This is used in conjunction with CS to write data to the parallel interface. 10 A0 LSB Address Pin for Selecting which DAC Is to Be Written to. 11 A1 MSB Address Pin for Selecting which DAC Is to Be Written to. 12 LDAC Active Low Control Input that Updates the DAC Registers with the Contents of the Input Registers. This allows all DAC outputs to be simultaneously updated. 13 PD Power-Down Pin. This active low control pin puts all DACs into power-down mode. 14 VDD Power Supply Pin. This part can operate from 2.5 V to 5.5 V and the supply should be decoupled with a 10 µF capacitor in parallel with a 0.1 µF capacitor to GND. 15–22 DB0–DB7 Eight Parallel Data Inputs. DB7 is the MSB of these eight bits. 23 HBEN This pin is used when writing to the device to determine if data is written to the high byte register or the low byte register. 24 CLR Asynchronous Active Low Control Input that Clears All Input Registers and DAC Registers to Zeros. AD5335 PIN CONFIGURATION TOP VIEW (Not to Scale) 24 23 22 21 20 19 18 17 16 15 14 13 1 2 3 4 5 6 7 8 9 10 11 12 AD5335 LDAC A1 A0 WR CS VREFC/D VREFA/B VOUTA VOUTB GND VOUTD VOUTC PD VDD DB0 DB1 DB2 CLR HBEN DB7 DB6 DB3 DB4 DB5 10-BIT |
Podobny numer części - AD5334_15 |