Zakładka z wyszukiwarką danych komponentów |
|
AD5338 Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD5338 Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 28 page AD5337/AD5338/AD5339 Rev. C | Page 7 of 28 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 4. Parameter Rating VDD to GND −0.3 V to +7 V SCL, SDA to GND −0.3 V to VDD + 0.3 V A0 to GND −0.3 V to VDD + 0.3 V Reference Input Voltage to GND −0.3 V to VDD + 0.3 V VOUTA to VOUTB to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Industrial (B Version) −40°C to +105°C Storage Temperature Range −65°C to +150°C Junction Temperature (TJ max) 150°C MSOP Package Power Dissipation (TJ max − TA) θJA θJA Thermal Impedance 206°C/W θJC Thermal Impedance 44°C/W Lead Temperature JEDEC Industry Standard Soldering J-STD-020 Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Transient currents of up to 100 mA do not cause SCR latch-up. ESD CAUTION |
Podobny numer części - AD5338_15 |
|
Podobny opis - AD5338_15 |