Zakładka z wyszukiwarką danych komponentów |
|
AD5405 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD5405 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 25 page AD5405 Rev. B | Page 4 of 24 Parameter Min Typ Max Unit Conditions Digital Feedthrough 1 nV-sec Feedthrough to DAC output with CS high and alternate loading of all 0s and all 1s Output Noise Spectral Density 25 nV/√Hz @ 1 kHz Analog THD 81 dB VREF = 3. 5 V p-p, all 1s loaded, f = 1 kHz Digital THD Clock = 10 MHz, VREF = 3.5 V 100 kHz fOUT 61 dB 50 kHz fOUT 66 dB SFDR Performance (Wideband) VREF = 3.5 V Clock = 10 MHz 500 kHz fOUT 55 dB 100 kHz fOUT 63 dB 50 kHz fOUT 65 dB Clock = 25 MHz 500 kHz fOUT 50 dB 100 kHz fOUT 60 dB 50 kHz fOUT 62 dB SFDR Performance (Narrow Band) VREF = 3.5 V Clock = 10 MHz 500 kHz fOUT 73 dB 100 kHz fOUT 80 dB 50 kHz fOUT 87 dB Clock = 25 MHz 500 kHz fOUT 70 dB 100 kHz fOUT 75 dB 50 kHz fOUT 80 dB Intermodulation Distortion VREF = 3.5 V f1 = 40 kHz, f2 = 50 kHz 72 dB Clock = 10 MHz f1 = 40 kHz, f2 = 50 kHz 65 dB Clock = 25 MHz POWER REQUIREMENTS Power Supply Range 2.5 5.5 V IDD 0.7 μA TA = 25°C, logic inputs = 0 V or VDD 0.5 10 μA TA = −40°C to +125°C, logic inputs = 0 V or VDD Power Supply Sensitivity 0.001 %/% ∆VDD = ±5% 1 Guaranteed by design and characterization, not subject to production test. |
Podobny numer części - AD5405_15 |
|
Podobny opis - AD5405_15 |