Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5516 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5516
Szczegółowy opis  16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5516 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5516_15 Datasheet HTML 4Page - Analog Devices AD5516_15 Datasheet HTML 5Page - Analog Devices AD5516_15 Datasheet HTML 6Page - Analog Devices AD5516_15 Datasheet HTML 7Page - Analog Devices AD5516_15 Datasheet HTML 8Page - Analog Devices AD5516_15 Datasheet HTML 9Page - Analog Devices AD5516_15 Datasheet HTML 10Page - Analog Devices AD5516_15 Datasheet HTML 11Page - Analog Devices AD5516_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
AD5516–Typical Performance Characteristics
DAC CODE
1.0
0.6
0.2
–0.2
0
–0.4
–0.6
0.8
0.4
–0.8
–1.0
1000
2000
3000
4000
0
REF_IN = 3V
TA = 25 C
TPC 1. Typical DNL Plot
TEMPERATURE ( C)
3
–40
1
–1
0
–2
–3
–20
0
20
40
80
2
60
REF_IN = 3V
BIPOLAR ZERO ERROR
POSITIVE FS ERROR
NEGATIVE FS ERROR
TPC 4. Bipolar Zero Error and
Full-Scale Error vs. Temperature
3.0
1.0
0
–1.0
–2.0
2.0
–3.0
TIME BASE = 2.5 s/DIV
TA = 25 C
REF_IN = 3V
TPC 7. AD5516–1 Full-Scale
Settling Time
DAC CODE
1.0
0.6
0.2
–0.2
0
–0.4
–0.6
0.8
0.4
0
–0.8
–1.0
1000
2000
3000
4000
REF_IN = 3V
TA = 25 C
TPC 2. Typical INL Plot
TEMPERATURE ( C)
0.003
–40
0.002
0.001
–0.001
0
–0.002
–0.003
–20
0
20
40
80
AVDD = +12V
AVSS = –12V
REF_IN = 3V
MIDSCALE LOADED
60
TPC 5. VOUT vs. Temperature
VOUT
PD
TA = 25 C
REF_IN = 3V
5V/DIV
2V/DIV
2 s/DIV
TPC 8. Exiting Power-Down to
Full Scale
TEMPERATURE ( C)
2.0
–40
1.0
0
–1.0
–0.5
–1.5
–2.0
–20
0
20
40
80
1.5
0.5
60
INL
+VE
DNL
–VE
DNL
REF_IN = 3V
TPC 3. Typical INL Error and DNL
Error vs. Temperature
CURRENT (mA)
–6
0.002
–4
–2
0
2
6
4
MIDSCALE
AVDD = +12V
AVSS = –12V
REF_IN = 3V
TA = 25 C
0.0
–0.002
–0.004
–0.006
–0.008
–0.01
0.004
0.006
0.008
0.01
–8
8
TPC 6. VOUT Source and Sink
Capability
5V
BUSY
–0.029
–0.031
–0.032
–0.030
–0.033
TA = 25 C
REF_IN = 3V
CALIBRATION TIME
NEW
VALUE
2.5 s/DIV
OLD
VALUE
0V
TPC 9. AD5516–1 Major Code
Transition Glitch Impulse


Podobny numer części - AD5516_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5516-1 AD-AD5516-1 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
More results

Podobny opis - AD5516_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5516 AD-AD5516_03 Datasheet
228Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. B
AD5516 AD-AD5516 Datasheet
197Kb / 16P
   16-Channel, 12-Bit Voltage-Output DAC with 14-Bit Increment Mode
REV. 0
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5532 AD-AD5532 Datasheet
244Kb / 16P
   32-Channel, 14-Bit Voltage-Output DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com