Zakładka z wyszukiwarką danych komponentów |
|
AD5542 Arkusz danych(PDF) 4 Page - Analog Devices |
|
AD5542 Arkusz danych(HTML) 4 Page - Analog Devices |
4 / 20 page AD5541/AD5542 Data Sheet Rev. F | Page 4 of 20 Parameter1 Min Typ Max Unit Test Conditions POWER REQUIREMENTS Digital inputs at rails VDD 2.7 5.5 V IDD 125 150 μA Power Dissipation 0.625 0.825 mW 1 Temperature ranges are as follows: A, B, C versions: −40°C to +85°C; J, L versions: 0°C to 70°C. 2 Reference input resistance is code-dependent, minimum at 0x8555. 3 Guaranteed by design, not subject to production test. TIMING CHARACTERISTICS VDD = 2.7 V to 5.5 V ±10%, VREF= 2.5 V, VINH = 3 V and 90% of VDD, VINL = 0 V and 10% of VDD, AGND = DGND = 0 V; −40°C < TA < +85°C, unless otherwise noted. Table 3. Parameter1, 2 Limit Unit Description f SCLK 25 MHz max SCLK cycle frequency t 1 40 ns min SCLK cycle time t 2 20 ns min SCLK high time t 3 20 ns min SCLK low time t 4 10 ns min CS low to SCLK high setup t 5 15 ns min CS high to SCLK high setup t 6 30 ns min SCLK high to CS low hold time t 7 20 ns min SCLK high to CS high hold time t 8 15 ns min Data setup time t 9 4 ns min Data hold time (V INH = 90% of VDD, VINL = 10% of VDD) t 9 7.5 ns min Data hold time (V INH = 3V, VINL = 0 V) t 10 30 ns min LDAC pulse width t 11 30 ns min CS high to LDAC low setup t 12 30 ns min CS high time between active periods 1 Guaranteed by design and characterization. Not production tested 2 All input signals are specified with t R = tF = 1 ns/V and timed from a voltage level of (VINL + VINH)/2. SCLK CS DIN DB15 LDAC* t6 t4 t12 t8 t5 t2 t3 t1 t7 t5 t11 t10 *AD5542 ONLY. CAN BE TIED PERMANENTLY LOW IF REQUIRED. Figure 3. Timing Diagram |
Podobny numer części - AD5542_15 |
|
Podobny opis - AD5542_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |