Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CB123-15HB Arkusz danych(PDF) 3 Page - Cooper Bussmann, Inc.

Numer części CB123-15HB
Szczegółowy opis  Automotive Circuit Breakers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COOPER [Cooper Bussmann, Inc.]
Strona internetowa  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CB123-15HB Arkusz danych(HTML) 3 Page - Cooper Bussmann, Inc.

  CB123-15HB Datasheet HTML 1Page - Cooper Bussmann, Inc. CB123-15HB Datasheet HTML 2Page - Cooper Bussmann, Inc. CB123-15HB Datasheet HTML 3Page - Cooper Bussmann, Inc. CB123-15HB Datasheet HTML 4Page - Cooper Bussmann, Inc. CB123-15HB Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Automotive Circuit Breakers
For product information and Data Sheets, visit www.cooperbussmann.com
13
December 11, 2008
Consumer Aftermarket Catalog
Part No. (Amps)
CB123-10HB
CB123-15HB
CB123-20HB
CB123-30HB
CB123-40HB
CB123-50HB
Part No. (Amps)
CB123-10B
CB123-15B
CB123-20B
CB123-30B
CB123-40B
CB123-50B
Part No.
Blister
Tri-Lingual
(Amps)
Pack
Blister
CBC-8B
CBC-10B
CBC-15B
CBC-20B
X
CBC-25B
X
CBC-30B
X
X
CBC-35B
X
CBC-40B
X
CBC-50B
X
CB123-B Type III 10-32 Stud-Mount Circuit Breakers with
Crosswise Bracket and Cover
CB123-HB Type III 10-32 Stud-Mount Circuit Breakers with
Lengthwise Bracket and Cover
CBC Type I 10-32 Stud-Mount Circuit Breakers
CBC-B Type I 10-32 Stud-Mount Circuit Breakers with
Crosswise Bracket
Heavy-Duty Breakers
Used in many heavy-duty and truck applications. Use ring terminals to
connect breaker into circuit. CBS are standard-duty and CBC are heavy-duty
type breakers.
Cooper Bussmann stud-type circuit breakers feature our patented fail-safe
technology, and are available in styles: without bracket; with mounting
bracket; waterproof, with mounting bracket and with combination blade and
stud terminals. Complies with SAE standard J553.
Part No. (Amps)
CB1911-10
CB1911-15
CB1911-20
CB1911-25
CB1911-30
CB1911-35
CB1911-40
CB1911-50
Part No. (Amps)
CB1921-10
CB1921-15
CB1921-20
CB1921-25
CB1921-30
CB1911 Type I MAX Footprint Circuit Breakers
CB1921 Type II MAX Footprint Circuit Breakers
Part No. (Amps)
Blister Pack
CBF-6
CBF-10
X
CBF-15
X
CBF-20
X
CBF-25
X
CBF-30
X
CBF-35
CBF-40
X
Glass Tube Breakers
CBF Type II Circuit Breakers For Use In Glass Tube Fuse Holders
and Blocks
CBF circuit breakers can be used to replace glass fuses in 1/4”x 11/4” small
dimension fuse blocks.
Maxi Breakers
Identical in size to Maxi-style fuses. The only breakers on the
market to match the Maxi's footprint and body dimensions.
Part No. (Amps)
CBC-8
CBC-10
CBC-15
CBC-20
CBC-25
CBC-30
CBC-35
CBC-40
CBC-50


Podobny numer części - CB123-15HB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Altech corporation
CB12245A ALTECH-CB12245A Datasheet
785Kb / 2P
   Battery Charger
logo
FSP TECHNOLOGY INC.
CB1266F FSP-CB1266F Datasheet
83Kb / 1P
   12V building blocks easily configurable to 154V battery
logo
Wall Industries,Inc.
CB12D12-1250 WALL-CB12D12-1250 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
CB12D15-1000 WALL-CB12D15-1000 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
CB12D5-3000 WALL-CB12D5-3000 Datasheet
208Kb / 4P
   Single and Dual Outputs 30 Watt DC/DC Converter 2:1 Wide Input Voltage Range
More results

Podobny opis - CB123-15HB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
R58 NTE-R58 Datasheet
496Kb / 1P
   Circuit Breakers
logo
General Electric Compan...
SFHA36AT0250 GEC-SFHA36AT0250 Datasheet
707Kb / 1P
   Circuit Breakers, Molded Case Circuit Breakers
logo
NTE Electronics
R59 NTE-R59 Datasheet
494Kb / 1P
   Circuit Breakers
logo
ABB
S200 ABB-S200 Datasheet
7Mb / 100P
   Miniature circuit breakers
Rev. A
logo
PHOENIX CONTACT
103943 PHOENIX-103943 Datasheet
157Kb / 5P
   Thermomagnetic circuit breakers
2010-08-18
logo
Tyco Electronics
W67-X2Q12-20 MACOM-W67-X2Q12-20 Datasheet
146Kb / 6P
   Magnetic Hydraulic Circuit Breakers
logo
Siemens Semiconductor G...
5SX2 SIEMENS-5SX2 Datasheet
1Mb / 64P
   Miniature Circuit-Breakers (MCBs)
2.1 2001
logo
Schurter Inc.
TS-710 SCHURTER-TS-710 Datasheet
56Kb / 4P
   CIRCUIT BREAKERS FOR EQUIPMENT
TM12 SCHURTER-TM12 Datasheet
174Kb / 7P
   CIRCUIT BREAKERS FOR EQUIPMENT
logo
List of Unclassifed Man...
RHOCQVD ETC2-RHOCQVD Datasheet
220Kb / 3P
   Molded Case Circuit Breakers
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com