Zakładka z wyszukiwarką danych komponentów |
|
1N4745A Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers |
|
1N4745A Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page 1N4728A thru 1N4751A Document Number: 1N4728A thru 1N4751A www.smsemi.com Feb.29, 2012 1 Maximum Ratings and Electrical Characteristics @ 25 OC unless otherwise specified Symbol Conditions Value Unit PM(AV) Steady state power at TL≤ 95℃ 0.375”(10mm) from body 1.0 W Steady state power at TA≤ 35℃ when mounted on FR4 PC described for thermal resistance (also see Fig.1) 1.0 W VF Maximum instantaneous forward voltage at 200mA 1.2 V RθJL Thermal resistance junction to lead 80 ℃/W RθJA Thermal resistance junction to ambient 140 ℃/W TJ, TSTG Operating and Storage Temperature -65 to +175 ℃ Transient Voltage Suppressor Breakdown Voltage 3.3 to 30 Volts Features Extensive Voltages selection from 3.3 to 30V Silicon 1.0 Watt Zener Diodes Hermetically sealed glass body construction Application Voltage stabilization Regulates voltage over a broad operating current and temperature range Flexible axial-lead mounting terminals Mechanical Data Case: Void-free transfer molded thermosetting epoxy body meeting UL94V-O Terminals: Tin-Lead or ROHS Compliant annealed matte-Tin plating readily solderable per MIL-STD-750, Method 2026 Marking: Part number Polarity: Cathode indicated by band Weight: 0.3g(Approximately) CASE: DO-204AL (DO-41) Dimensions in inches and (millimeters) 打印无效 |
Podobny numer części - 1N4745A |
|
Podobny opis - 1N4745A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |