Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5582 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD5582
Szczegółowy opis  Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5582 Arkusz danych(HTML) 3 Page - Analog Devices

  AD5582_15 Datasheet HTML 1Page - Analog Devices AD5582_15 Datasheet HTML 2Page - Analog Devices AD5582_15 Datasheet HTML 3Page - Analog Devices AD5582_15 Datasheet HTML 4Page - Analog Devices AD5582_15 Datasheet HTML 5Page - Analog Devices AD5582_15 Datasheet HTML 6Page - Analog Devices AD5582_15 Datasheet HTML 7Page - Analog Devices AD5582_15 Datasheet HTML 8Page - Analog Devices AD5582_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. A
AD5582/AD5583
–3–
ELECTRICAL CHARACTERISTICS
(VDD = 15 V, VSS = 0 V, DVDD = 5 V
10%, VREFH = 10 V, VREFL = 0 V,
–40 C < TA < +125 C, unless otherwise noted.)
Parameter
Symbol
Condition
Min
Typ
1
Max
Unit
STATIC PERFORMANCE
Resolution
2
N
AD5582
12
Bits
AD5583
10
Bits
Relative Accuracy
3
INL
–1
+1
LSB
Differential Nonlinearity
3
DNL
Monotonic
–1
LSB
Zero-Scale Error
VZSE
Data = 000H for AD5582
–2
+2
LSB
and AD5583
Gain Error
VGE
Data = 0xFFFH for AD5582
–2
+2
LSB
VGE
Data = 0x3FFH for AD5583
–4
+4
LSB
Full-Scale Tempco
4
TCVFS
1.5
ppm/
∞C
REFERENCE INPUT
VREFH Input Range
VREFH
VREFL + 0.5
VDD
V
VREFL Input Range
5
VREFL
VSS
VREFH – 0.5 V
Input Resistance
RREF
Data = 555H (Minimum RREF)12
20
k
W1
for AD5582 and 155H for AD5583
Input Capacitance
4
CREF
80
pF
REF Input Current
IREF
Data = 555H for AD5582
1000
mA
REF Multiplying Bandwidth
BWREF
Code = Full Scale
1.3
MHz
R1–R2 Matching
R1/R2
AD5582
±0.025
%
AD5583
±0.100
%
ANALOG OUTPUT
Output Current
6
IOUT
Data = 800H for AD5582 and
2
mA
200H for AD5583, VOUT
£ 2 mV
Output Current
6
IOUT
Data = 800H for AD5582 and
200H for AD5583, VOUT
£ |–8 mV|
+20
mA
VOUT
£ 15 mV
–20
mA
Capacitive Load
4, 7
CL
No Oscillation
Note 7
pF
Parameter
Symbol
Condition
Min
Typ
1
Max
Unit
SUPPLY CHARACTERISTICS
Single-Supply Voltage Range
VDD
VSS = 0 V
3
18
V
Dual-Supply Voltage Range
VDD/VSS
VDD = +2.7 V to +6.5 V,
–9
+9
V
VSS = –6.5 V to –2.7 V
Digital Logic Supply
DVDD
2.7
8
V
Positive Supply Current
6
IDD
VIL = 0 V, No Load
1.7
3
mA
Negative Supply Current
ISS
VIL = 0 V, No Load
1.5
3
mA
Power Dissipation
PDISS
VIL = 0 V, No Load
16
30
mW
Power Supply Sensitivity
PSS
VDD =
±5%
30
ppm/V
NOTES
1Typical specifications represent average readings measured at 25
∞C.
2DAC Output Equation: V
OUT = VREFL + [(VREFH – VREFL)
D/2
N], where D = data loaded in corresponding DAC Register A, B, C, D, and N equals the number of bits;
AD5582 = 12 bits, AD5583 = 10 bits. One LSB step voltage = (V REFH – VREFL)/4096 V and (VREFH – VREFL)/1024 V for AD5582 and AD5583, respectively.
3The first two codes (000
H, 001H) of the AD5583 and the first four codes (000 H, 001H, 002H, 003H) of the AD5582 are excluded from the linearity error measurement
in single-supply operation.
4These parameters are guaranteed by design and not subject to production testing.
5Dual-supply operation, V
REFL = VSS, exclude the lowest eight codes for the AD5582 and two codes for the AD5583 for INL and DNL errors.
6Short circuit output and supply currents are 24 mA and 25 mA, respectively.
7Part is stable under any capacitive loading conditions.
8The settling time specification does not apply for negative-going transitions within the last 3 LSBs of ground in single-supply operation.
Specifications subject to change without notice.


Podobny numer części - AD5582_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5582YRU-REEL7 AD-AD5582YRU-REEL7 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
More results

Podobny opis - AD5582_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5583 AD-AD5583_15 Datasheet
449Kb / 20P
   Quad, Parallel Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converters
REV. A
AD5582 AD-AD5582 Datasheet
162Kb / 8P
   QUAD, Parallel-Input, Voltage Output, 12-/10-Bit Digital-to-Analog Converter
REV PrC, 23 APR 01
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5531 AD-AD5531_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_07 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7616 TI1-DAC7616_15 Datasheet
849Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7617 TI1-DAC7617_14 Datasheet
858Kb / 18P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com