Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7207TRPBF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF7207TRPBF
Szczegółowy opis  Generation 5 Technology
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7207TRPBF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF7207TRPBF Datasheet HTML 1Page - International Rectifier IRF7207TRPBF Datasheet HTML 2Page - International Rectifier IRF7207TRPBF Datasheet HTML 3Page - International Rectifier IRF7207TRPBF Datasheet HTML 4Page - International Rectifier IRF7207TRPBF Datasheet HTML 5Page - International Rectifier IRF7207TRPBF Datasheet HTML 6Page - International Rectifier IRF7207TRPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HEXFET® Power MOSFET
Fifth Generation HEXFET® Power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve extremely low on-resistance
per silicon area. This benefit, combined with the fast
switching speed and ruggedized device design that
HEXFET power MOSFETs are well known for, provides
the designer with an extremely efficient and reliable
device for use in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in a
typical PCB mount application.
10/6/04
Description
l Generation 5 Technology
l P-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
VDSS = -20V
RDS(on) = 0.06Ω
IRF7207PbF
Top View
8
1
2
3
4
5
6
7
D
D
D
G
S
A
D
S
S
www.irf.com
1
Parameter
Max.
Units
VDS
Drain- Source Voltage
-20
V
ID @ TC = 25°C
Continuous Drain Current, VGS @ -4.5V
-5.4
ID @ TC = 70°C
Continuous Drain Current, VGS @ -4.5V
-4.3
A
IDM
Pulsed Drain Current

-43
PD @TC = 25°C
Power Dissipation
2.5
PD @TC = 70°C
Power Dissipation
1.6
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
VGSM
Gate-to-Source Voltage Single Pulse tp<10µs
-16
V
EAS
Single Pulse Avalanche Energy
‚
140
dv/dt
Peak Diode Recovery dv/dt
ƒ
-5.0
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
…
–––
50
°C/W
Thermal Resistance
Absolute Maximum Ratings
W
SO-8
PD - 95166
l Lead-Free


Podobny numer części - IRF7207TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7207TR IRF-IRF7207TR Datasheet
91Kb / 7P
   Generation 5 Technology
More results

Podobny opis - IRF7207TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7207TR IRF-IRF7207TR Datasheet
91Kb / 7P
   Generation 5 Technology
IRF7526D1PBF IRF-IRF7526D1PBF_15 Datasheet
151Kb / 10P
   Generation 5 Technology
IRF7524D1PBF IRF-IRF7524D1PBF_15 Datasheet
171Kb / 8P
   Generation 5 Technology
IRL3103D1PBF IRF-IRL3103D1PBF Datasheet
330Kb / 7P
   Generation 5 Technology
IRL3103D1SPBF IRF-IRL3103D1SPBF Datasheet
308Kb / 8P
   Generation 5 Technology
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com