Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2052AFJ-E2 Arkusz danych(PDF) 2 Page - Rohm

Numer części BD2052AFJ-E2
Szczegółowy opis  Current Limit High Side Switch ICs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2052AFJ-E2 Arkusz danych(HTML) 2 Page - Rohm

  BD2052AFJ-E2 Datasheet HTML 1Page - Rohm BD2052AFJ-E2 Datasheet HTML 2Page - Rohm BD2052AFJ-E2 Datasheet HTML 3Page - Rohm BD2052AFJ-E2 Datasheet HTML 4Page - Rohm BD2052AFJ-E2 Datasheet HTML 5Page - Rohm BD2052AFJ-E2 Datasheet HTML 6Page - Rohm BD2052AFJ-E2 Datasheet HTML 7Page - Rohm BD2052AFJ-E2 Datasheet HTML 8Page - Rohm BD2052AFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
BD6516F
BD6517F
BD2042AFJ
BD2052AFJ
Datasheet
1
2
8
7
GND
IN
/OC1
OUT1
3 /EN1
(EN1)
4
6
5
OUT2
/OC2
/EN2
(EN2)
Block Diagrams
Pin Configurations
Pin Descriptions
BD6516F/BD6517F
BD2042AFJ/BD2052AFJ
Pin
No.
Symbol
I / O
Pin Function
Pin
No.
Symbol I / O
Pin Function
1, 4
CTRLA
CTRLB
I
Enable input.
Switch on at low level.
(BD6517F)
Low level input < 0.7V.
Switch on at high level.
(BD6516F)
High level input > 2.5V.
1
GND
I
Ground.
2, 3
FLAGA
FLAGB
O
Error flag output.
Low at over current, thermal
shutdown.
Open drain output.
2
IN
I
Power supply input.
Input terminal of the switch and
power supply of internal circuit.
5, 8
OUTA
OUTB
O
Switch output.
3, 4
/EN1
/EN2,
EN1
EN2
I
Enable input.
/EN: Switch on at low level.
(BD2042AFJ)
Low level input < 0.8V
EN: Switch on at high level.
(BD2052AFJ)
High level input > 2.0V.
6
GND
I
Ground.
5, 8
/OC2
/OC1
O
Error flag output.
Low at over current, thermal
shutdown.
Open drain output.
7
VDD
I
Power supply input.
Input terminal of the switch and
power supply of internal circuit.
6, 7
OUT2
OUT1
O
Switch output.
Gate
Logic1
OCD1
Charge
Pump1
TSD1
UVLO
Charge
Pump2
OCD2
Gate
Logic2
TSD2
/EN1
EN1
IN
/EN2
EN2
GND
/OC1
OUT1
OUT2
/OC2
Delay
Delay
BD2042AFJ/BD2052AFJ
BD6516F/BD6517F
TOP VIEW
BD2042AFJ/BD2052AFJ
TOP VIEW
1
2
8
7
CTRLA
FLAGA
OUTA
VDD
3 FLAGB
4 CTRLB
6
5
GND
OUTB
BD6516F/BD6517F
Gate
Logic1
OCD1
Charge
Pump1
UVLO
Charge
Pump2
OCD2
Gate
Logic2
TSD
CTRLA
VDD
CTRLB
GND
FLAGA
OUTA
OUTB
FLAGB
Delay
Delay
2/31
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300240-1-2
21.Aug.2014 Rev.003


Podobny numer części - BD2052AFJ-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Podobny opis - BD2052AFJ-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com