Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BD2052AFJ-E2 Arkusz danych(PDF) 3 Page - Rohm

Numer części BD2052AFJ-E2
Szczegółowy opis  Current Limit High Side Switch ICs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BD2052AFJ-E2 Arkusz danych(HTML) 3 Page - Rohm

  BD2052AFJ-E2 Datasheet HTML 1Page - Rohm BD2052AFJ-E2 Datasheet HTML 2Page - Rohm BD2052AFJ-E2 Datasheet HTML 3Page - Rohm BD2052AFJ-E2 Datasheet HTML 4Page - Rohm BD2052AFJ-E2 Datasheet HTML 5Page - Rohm BD2052AFJ-E2 Datasheet HTML 6Page - Rohm BD2052AFJ-E2 Datasheet HTML 7Page - Rohm BD2052AFJ-E2 Datasheet HTML 8Page - Rohm BD2052AFJ-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
BD6516F
BD6517F
BD2042AFJ
BD2052AFJ
Datasheet
Absolute Maximum Ratings
BD6516F/BD6517F
Parameter
Symbol
Rating
Unit
Input Voltage
VDD
-0.3 to +6.0
V
CTRL Voltage
VCTRL
-0.3 to VDD+0.3
V
FLAG Voltage
VFLAG
-0.3 to +6.0
V
Output Voltage
VOUT
-0.3 to +6.0
V
Storage Temperature
Tstg
-55 to +150
ºC
Power Dissipation
Pd
0.67 (Note 1)
W
BD2042AFJ/BD2052AFJ
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
-0.3 to +6.0
V
EN, /EN Voltage
VEN, V/EN
-0.3 to +6.0
V
/OC Voltage
V/OC
-0.3 to +6.0
V
/OC Current
IS/OC
10
mA
OUT Voltage
VOUT
-0.3 to +6.0
V
Storage Temperature
Tstg
-55 to +150
ºC
Power Dissipation
Pd
0.67 (Note 1)
W
(Note 1) Mounted on 70mm x 70mm x 1.6mm glass-epoxy PCB. Derating : 5.4mW/ oC above Ta=25 oC
Caution:
Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operation Conditions
BD6516F/BD6517F
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Input Voltage
VDD
3.0
-
5.5
V
Operation Temperature
Topr
-25
-
+85
°C
Continuous Output Current
ILO
0
-
500
mA
BD2042AFJ/BD2052AFJ
Parameter
Symbol
Rating
Unit
Min
Typ
Max
Input Voltage
VIN
2.7
-
5.5
V
Operation Temperature
Topr
-40
-
+85
°C
Continuous Output Current
ILO
0
-
500
mA
3/31
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300240-1-2
21.Aug.2014 Rev.003


Podobny numer części - BD2052AFJ-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2052AFJ-E2 ROHM-BD2052AFJ-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
More results

Podobny opis - BD2052AFJ-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD82000FVJ-LB ROHM-BD82000FVJ-LB Datasheet
532Kb / 26P
   1.5A Current Limit High Side Switch ICs
BD82046FVJ ROHM-BD82046FVJ Datasheet
998Kb / 24P
   3.2A Current Limit High Side Switch ICs
26.MAY.2014 Rev.002
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com