Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5934 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD5934
Szczegółowy opis  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5934 Arkusz danych(HTML) 1 Page - Analog Devices

  AD5934_15 Datasheet HTML 1Page - Analog Devices AD5934_15 Datasheet HTML 2Page - Analog Devices AD5934_15 Datasheet HTML 3Page - Analog Devices AD5934_15 Datasheet HTML 4Page - Analog Devices AD5934_15 Datasheet HTML 5Page - Analog Devices AD5934_15 Datasheet HTML 6Page - Analog Devices AD5934_15 Datasheet HTML 7Page - Analog Devices AD5934_15 Datasheet HTML 8Page - Analog Devices AD5934_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
250 kSPS, 12-Bit Impedance Converter,
Network Analyzer
Data Sheet
AD5934
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Programmable output peak-to-peak excitation voltage to a
maximum frequency of 100 kHz
Programmable frequency sweep capability with serial I2C
interface
Frequency resolution of 27 bits (<0.1 Hz)
Impedance measurement range from 1 kΩ to 10 MΩ
Capable of measuring 100 Ω to 1 kΩ with additional circuitry
Phase measurement capability
System accuracy of 0.5%
2.7 V to 5.5 V power supply operation
Temperature range: −40°C to +125°C
16-lead SSOP package
APPLICATIONS
Electrochemical analysis
Bioelectrical impedance analysis
Impedance spectroscopy
Complex impedance measurement
Corrosion monitoring and protection equipment
Biomedical and automotive sensors
Proximity sensing
Nondestructive testing
Material property analysis
Fuel/battery cell condition monitoring
GENERAL DESCRIPTION
The AD5934 is a high precision impedance converter system
solution that combines an on-board frequency generator with a
12-bit, 250 kSPS, analog-to-digital converter (ADC). The
frequency generator allows an external complex impedance to
be excited with a known frequency. The response signal from
the impedance is sampled by the on-board ADC and a discrete
Fourier transform (DFT) is processed by an on-board DSP
engine. The DFT algorithm returns a real (R) and imaginary (I)
data-word at each output frequency.
Once calibrated, the magnitude of the impedance and relative
phase of the impedance at each frequency point along the sweep
is easily calculated using the following two equations:
Magnitude =
2
2
I
R +
Phase = tan−1(I/R)
A similar device, available from Analog Devices, Inc., is the
AD5933, which is a 2.7 V to 5.5 V, 1 MSPS, 12-bit impedance
converter, with an internal temperature sensor, available in a
16-lead SSOP.
FUNCTIONAL BLOCK DIAGRAM
ADC
(12 BITS)
VDD/2
DDS
CORE
(27 BITS)
DAC
VBIAS
Z(ω)
I2C
INTERFACE
IMAGINARY
REGISTER
GAIN
REAL
REGISTER
1024-POINT DFT
LPF
SCL
SDA
DVDD
AVDD
MCLK
AGND
DGND
ROUT
VOUT
AD5934
RFB
VIN
Figure 1.


Podobny numer części - AD5934_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
More results

Podobny opis - AD5934_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5934 AD-AD5934 Datasheet
513Kb / 32P
   250 kSPS, 12-Bit Impedance Converter, Network Analyzer
REV. 0
AD5933YRSZ-REEL7 AD-AD5933YRSZ-REEL7 Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5933 AD-AD5933_17 Datasheet
651Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
AD5933 AD-AD5933 Datasheet
553Kb / 20P
   1 MSPS 12-Bit Impedance Converter, Network Analyzer
Rev. PrA
AD5933YRSZ AD-AD5933YRSZ Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
EVAL-AD5933EB AD-EVAL-AD5933EB Datasheet
592Kb / 40P
   1 MSPS, 12-Bit Impedance Converter, Network Analyzer
Rev. E
AD5934 AD-AD5934_17 Datasheet
579Kb / 31P
   Impedance Converter, Network Analyzer
EVAL-AD5933EBZ AD-EVAL-AD5933EBZ Datasheet
1Mb / 32P
   Evaluation Board for the 1 MSPS 12-Bit Impedance Converter Network Analyzer
Rev. PrC
logo
Agilent(Hewlett-Packard...
4395A HP-4395A Datasheet
417Kb / 20P
   Network/Spectrum/Impedance Analyzer
logo
Burr-Brown (TI)
ADS8504 BURR-BROWN-ADS8504 Datasheet
379Kb / 19P
   12-BIT 250-KSPS SAMPLING CMOS ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com