Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6122 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD6122
Szczegółowy opis  CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6122 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD6122_15 Datasheet HTML 5Page - Analog Devices AD6122_15 Datasheet HTML 6Page - Analog Devices AD6122_15 Datasheet HTML 7Page - Analog Devices AD6122_15 Datasheet HTML 8Page - Analog Devices AD6122_15 Datasheet HTML 9Page - Analog Devices AD6122_15 Datasheet HTML 10Page - Analog Devices AD6122_15 Datasheet HTML 11Page - Analog Devices AD6122_15 Datasheet HTML 12Page - Analog Devices AD6122_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
REV. B
AD6122
–9–
VGAIN – V
40
20
–80
0.5
2.5
1.0
1.5
2.0
0
–40
–60
–20
TA = –40 C
TA = +85 C
TA = +25 C
Figure 12. IF Amplifier Response Curve: Gain vs.
VGAIN, TA = –40
°C, +25°C, +85°C
VGAIN – V
45
25
–75
0.5
2.5
0.9
1.3
1.7
2.1
5
–15
–55
–6.0
–5.0
–35
6.0
5.0
3.0
1.0
–1.0
–65
–45
–25
–5
15
35
4.0
2.0
0
–4.0
–3.0
–2.0
GAIN
GAIN ERROR
Figure 13. IF Amplifier Gain and Error vs. VGAIN
VGAIN – V
5.0
0
–25.0
0.5
2.5
0.9
1.3
1.7
2.1
–5.0
–15.0
–20.0
–10.0
Figure 14. IF Amplifier Input IP3 vs. VGAIN
SUPPLY VOLTAGE – V
–24
–25
–28
2.5
3.7
2.7
2.9
3.1
3.3
3.5
–26
–27
Figure 15. IF Amplifier Input IP3 vs. Supply Voltage
–23
–26
50
350
100
150
200
250
300
–24
–25
FREQUENCY – MHz
Figure 16. IF Amplifier Input IP3 vs. Frequency
GAIN – dB
30.0
25.0
5.0
–10.0
40.0
0
10.0
20.0
30.0
20.0
15.0
10.0
238MHz
313MHz
133MHz
Figure 17. IF Amplifier Noise Figure vs. Gain


Podobny numer części - AD6122_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
More results

Podobny opis - AD6122_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6122 AD-AD6122 Datasheet
250Kb / 20P
   CDMA 3 V Transmitter IF Subsystem with Integrated Voltage Regulator
AD6121 AD-AD6121_15 Datasheet
688Kb / 16P
   CDMA 3 V Receiver IF Subsystem with Integrated Voltage Regulator
REV. B
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6432 AD-AD6432 Datasheet
334Kb / 20P
   GSM 3 V Transceiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD607 AD-AD607_15 Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD608ARZ AD-AD608ARZ Datasheet
326Kb / 16P
   Low Power Mixer/Limiter/RSSI 3 V Receiver IF Subsystem
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com