Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCE11A Arkusz danych(PDF) 4 Page - List of Unclassifed Manufacturers

Numer części LCE11A
Szczegółowy opis  Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

LCE11A Arkusz danych(HTML) 4 Page - List of Unclassifed Manufacturers

  LCE11A Datasheet HTML 1Page - List of Unclassifed Manufacturers LCE11A Datasheet HTML 2Page - List of Unclassifed Manufacturers LCE11A Datasheet HTML 3Page - List of Unclassifed Manufacturers LCE11A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LCE6.5 thru LCE170A
Document Number: LCE6.5 thru LCE170A
www.smsemi.com
Feb.29, 2012
4
Schematic Applications
The TVS low capacitance device configuration is shown in Fig.4. As a further option for unidirectional applications, an
additional low capacitance rectifier diode may be used in parallel in the sane polarity direction as the TVS as shown in
Fig.5. In applications where random high voltage transients occur, this will prevent reverse transients from damaging
the internal low capacitance rectifier diode and also provide a low voltage conducting direction. The added rectifier
diode should be of similar low capacitance and also have a higher reverse voltage rating than the TVS clamping
voltage VC. If using two (2) low capacitance TVS devices in also provided. The unidirectional and bidirectional
configurations in Fig.5 and 6 will both in twice the capacitance of Fig.4
Fig.3 Derating Curve
100
75
50
25
0
Peak Pulse Power
(Single pulse).
Average
Power
0
50
100
150
200
Lead or Ambient Temperature (℃)
TVS
DIODE
+
IN
OUT
+
Fig.4 TVS with internal
Low Capacitance Diode
Fig.5 Optional Unidirectional
configuration (TVS and
separate rectifier diode
in parallel)
Fig.6 Optional Bidirectional
configuration (two TVS and
devices in anti-parallel)
打印无效


Podobny numer części - LCE11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
LCE11A EIC-LCE11A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE11A LITTELFUSE-LCE11A Datasheet
3Mb / 146P
   TVS Diode Products
logo
UN Semiconducctor INC
LCE11A UNSEMI-LCE11A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE11A MICROSEMI-LCE11A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
MERITEK ELECTRONICS COR...
LCE11A MERITEK-LCE11A Datasheet
391Kb / 3P
   Transient Voltage Suppressors
More results

Podobny opis - LCE11A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com