Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MSAD200B-12 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części MSAD200B-12
Szczegółowy opis  Glass Passivated Rectifier Diode Modules
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

MSAD200B-12 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  MSAD200B-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSAD200B-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSAD200B-12 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSCD200B
Document Number: MSCD200B
www.
Aug.20, 2010
1
smsemi.com
Module Type
TYPE
VRRM
VRSM
MSCD200B-08
MSCD200B-12
MSCD200B-16
MSCD200B-18
MSAD200B-08
MSAD200B-12
MSAD200B-16
MSAD200B-18
MSKD200B-08
MSKD200B-12
MSKD200B-16
MSKD200B-18
800V
1200V
1600V
1800V
900V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
IFAV
Single phase ,half wave 180°conduction Tc=95℃
200
A
IF(RMS)
Single phase ,half wave 180°conduction Tc=102℃
240
A
IFSM
t=10mS Tvj =45℃
6800
A
i
2t
t=10mS Tvj =45℃
231200
A
2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
Tstg
-40 to +125
Mt
To terminals(M6)
5±15%
Nm
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module
240
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Per diode
0.18
℃/W
Rth(c-s)
Module
0.05
℃/W
Electrical Characteristics
Circuit
Applications
Non-controllable rectifiers for AC/AC
converters
Line rectifiers for transistorized AC motor
controllers
Field supply for DC motors
Features
Blocking voltage:800 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
Glass Passivated Rectifier
Diode Modules
VRRM 800 to 1800V
IFAV
200 Amp
Values
Symbol
Conditions
Min.
Typ.
Max.
Units
VFM
T=25℃ IF =300A
1.18
1.45
V
IRD
Tvj=150℃ VRD=VRRM
9
mA


Podobny numer części - MSAD200B-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microsemi Corporation
MSAD200-08 MICROSEMI-MSAD200-08 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSAD200-08 ETC2-MSAD200-08 Datasheet
174Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSAD200-12 MICROSEMI-MSAD200-12 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
List of Unclassifed Man...
MSAD200-12 ETC2-MSAD200-12 Datasheet
174Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSAD200-16 MICROSEMI-MSAD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results

Podobny opis - MSAD200B-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
MD70C08D1 YANGJIE-MD70C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD60C08D1 YANGJIE-MD60C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD100C08D1 YANGJIE-MD100C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD165C08D2 YANGJIE-MD165C08D2 Datasheet
140Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
MD36C08D1 YANGJIE-MD36C08D1 Datasheet
123Kb / 3P
   Glass Passivated Rectifier Diode Modules Diode Modules
logo
List of Unclassifed Man...
MSCD36B ETC2-MSCD36B Datasheet
155Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Microsemi Corporation
MSKD200-16 MICROSEMI-MSKD200-16 Datasheet
142Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Shanghai Leiditech Elec...
MD60C18J1 LEIDITECH-MD60C18J1 Datasheet
340Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD165C18J2 LEIDITECH-MD165C18J2 Datasheet
321Kb / 3P
   Glass Passivated Rectifier Diode Modules
logo
Jiangsu APT Semiconduct...
MD36C18D1 APTSEMI-MD36C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
MD60C18D1 APTSEMI-MD60C18D1 Datasheet
89Kb / 3P
   Glass Passivated Rectifier Diode Modules
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com