Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6622 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części AD6622
Szczegółowy opis  Four-Channel, 75 MSPS Digital Transmit Signal Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6622 Arkusz danych(HTML) 3 Page - Analog Devices

  AD6622_15 Datasheet HTML 1Page - Analog Devices AD6622_15 Datasheet HTML 2Page - Analog Devices AD6622_15 Datasheet HTML 3Page - Analog Devices AD6622_15 Datasheet HTML 4Page - Analog Devices AD6622_15 Datasheet HTML 5Page - Analog Devices AD6622_15 Datasheet HTML 6Page - Analog Devices AD6622_15 Datasheet HTML 7Page - Analog Devices AD6622_15 Datasheet HTML 8Page - Analog Devices AD6622_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD6622
–3–
REV. 0
TIMING CHARACTERISTICS1
Test
AD6622AS
Name
Parameter (Conditions)
Temp
Level
Min
Typ
Max
Unit
CLK Timing Requirements:
tCLK
CLK Period
Full
IV
13.3
ns
tCLKL
CLK Width Low
Full
IV
5.5
0.5
× t
CLK
ns
tCLKH
CLK Width High
Full
IV
5.5
0.5
× tCLK
ns
RESET Timing Requirements:
tRESL
RESET Width Low
Full
IV
30.0
ns
Input Wideband Data Timing Requirements:
tSI
Input to CLK Setup Time
Full
IV
0.5
ns
tHI
Input to CLK Hold Time
Full
IV
3.5
ns
Parallel Output Switching Characteristics:
tSO
CLK to Output Setup Time
Full
IV
12
ns
tHO
CLK to Output Hold Time
Full
IV
4.1
ns
tZO
Output Three-State Time
Full
V
5
ns
SYNC Timing Requirements:
tSS
SYNC to CLK Setup Time
Full
IV
2.6
ns
tHS
SYNC to CLK Hold Time
Full
IV
1.5
ns
Serial Port Timing Requirements:
tDSCLK
CLK to SCLK Delay
Full
V
8.5
ns
tDSDFS
SCLK to SDFS Delay
Full
IV
–1.2
+2.4
ns
tSSI
SDI to SCLK Setup Time
Full
IV
8.5
ns
tHSI
SDI to SCLK Hold Time
Full
IV
5.5
ns
tSCS
Serial Clock Skew
Full
IV
7
ns
MICROPROCESSOR PORT, MODE INM (MODE = 0)
MODE INM Write Timing:
tHWR
WR(R/W) to RDY(DTACK) Hold Time
Full
IV
0
ns
tSAM
Address/Data to
WR(R/W) Setup Time
Full
IV
0
ns
tHAM
Address/Data to RDY(
DTACK) Hold Time
Full
IV
0
ns
tDRDY
WR(R/W) to RDY(DTACK) Delay
Full
IV
10.2
ns
tACCFAST
WR(R/W) to RDY(DTACK) High Delay
Full
IV
2
× tCLK
3
× tCLK
ns
tACCMEDIUM
WR(R/W) to RDY(DTACK) High Delay
Full
IV
3
× t
CLK
4
× t
CLK
ns
tACCSLOW
WR(R/W) to RDY(DTACK) High Delay
Full
IV
4
× tCLK
5
× tCLK
ns
MODE INM Read Timing:
tSAM
Address to
RD(DS) Setup Time
Full
IV
0
ns
tHA
Address to Data Hold Time
Full
IV
0
ns
tZD
Data Three-State Delay
Full
IV
3.4
7
10.5
ns
tDD
RDY(
DTACK) to Data Delay
Full
IV
tCLK – 10
ns
tDRDY
RD(DS) to RDY(DTACK) Delay
Full
IV
10.2
ns
tACCFAST
RD(DS) to RDY(DTACK) High Delay
Full
IV
2
× t
CLK
3
× t
CLK
ns
tACCMEDIUM
RD(DS) to RDY(DTACK) High Delay
Full
IV
3
× tCLK
4
× tCLK
ns
tACCSLOW
RD(DS) to RDY(DTACK) High Delay
Full
IV
4
× tCLK
5
× tCLK
ns
(CLOAD = 40 pF, all outputs unless specified)


Podobny numer części - AD6622_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6622AS AD-AD6622AS Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622PCB AD-AD6622PCB Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622S AD-AD6622S Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6622S/PCB AD-AD6622S/PCB Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
More results

Podobny opis - AD6622_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6622 AD-AD6622 Datasheet
242Kb / 28P
   Four-Channel, 75 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6623 AD-AD6623_15 Datasheet
935Kb / 48P
   4-Channel, 104 MSPS Digital Transmit Signal Processor
REV. A
AD6623 AD-AD6623 Datasheet
381Kb / 40P
   4-Channel, 104 MSPS Digital Transmit Signal Processor TSP
REV. 0
AD6624 AD-AD6624_15 Datasheet
566Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor
REV. B
AD6624A AD-AD6624A_15 Datasheet
642Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor
REV. 0
AD6624 AD-AD6624 Datasheet
509Kb / 40P
   Four-Channel, 80 MSPS Digital Receive Signal Processor (RSP)
REV. B
AD6624A AD-AD6624A Datasheet
636Kb / 40P
   Four-Channel, 100 MSPS Digital Receive Signal Processor (RSP)
REV. 0
AD6620 AD-AD6620_15 Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620AS AD-AD6620AS Datasheet
399Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
AD6620ASZ AD-AD6620ASZ Datasheet
374Kb / 44P
   67 MSPS Digital Receive Signal Processor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com