Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7150 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD7150
Szczegółowy opis  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7150 Arkusz danych(HTML) 4 Page - Analog Devices

  AD7150_15 Datasheet HTML 1Page - Analog Devices AD7150_15 Datasheet HTML 2Page - Analog Devices AD7150_15 Datasheet HTML 3Page - Analog Devices AD7150_15 Datasheet HTML 4Page - Analog Devices AD7150_15 Datasheet HTML 5Page - Analog Devices AD7150_15 Datasheet HTML 6Page - Analog Devices AD7150_15 Datasheet HTML 7Page - Analog Devices AD7150_15 Datasheet HTML 8Page - Analog Devices AD7150_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7150
Rev. 0 | Page 4 of 28
Parameter
Min
Typ
Max
Unit1
Test Conditions/Comments
POWER REQUIREMENTS
VDD-to-GND Voltage
2.7
3.6
V
VDD = 3.3 V, nominal
IDD Current4
100
120
μA
IDD Current Power-Down Mode4
1
5
μA
Temperature ≤ 25°C
3
10
μA
Temperature = 85°C
1 Capacitance units: one picofarad (1 pF) = 1 × 10−12 farad (F); one femtofarad (1 fF) = 10−15 farad (F).
2 The CAPDAC can be used to shift (offset) the input range. The total capacitance of the sensor can therefore be up to the sum of the CAPDAC value and the conversion
input range. With the autoCAPDAC feature, the CAPDAC is adjusted automatically when the CDC input value is lower than 25% or higher than 75% of the CDC
nominal input range.
3 Specification is not production tested but is supported by characterization data at initial product release.
4 Digital inputs equal to VDD or GND.
TIMING SPECIFICATIONS
VDD = 2.7 V to 3.6 V; GND = 0 V; Input Logic 0 = 0 V; Input Logic 1 = VDD; –40°C to +85°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CONVERTER
Conversion Time
10
ms
Both channels, 5 ms per channel.
Wake-Up Time from Power-Down Mode1, 2
0.15
ms
Power-Up Time1, 3
2
ms
Reset Time1, 4
2
ms
SERIAL INTERFACE5, 6
See Figure 2.
SCL Frequency
0
400
kHz
SCL High Pulse Width, tHIGH
0.6
μs
SCL Low Pulse Width, tLOW
1.3
μs
SCL, SDA Rise Time, tR
0.3
μs
SCL, SDA Fall Time, tF
0.3
μs
Hold Time (Start Condition), tHD;STA
0.6
μs
After this period, the first clock is generated.
Setup Time (Start Condition), tSU;STA
0.6
μs
Relevant for repeated start condition.
Data Setup Time, tSU;DAT
0.1
μs
Setup Time (Stop Condition), tSU;STO
0.6
μs
Data Hold Time (Master), tHD;DAT
10
ns
Bus-Free Time (Between Stop and Start Condition), tBUF
1.3
μs
1 Specification is not production tested but is supported by characterization data at initial product release.
2 Wake-up time is the maximum delay between the last SCL edge writing the configuration register and the start of conversion.
3 Power-up time is the maximum delay between the VDD crossing the minimum level (2.7 V) and either the start of conversion or when ready to receive a serial interface
command.
4 Reset time is the maximum delay between the last SCL edge writing the reset command and either the start of conversion or when ready to receive a serial interface
command.
5 Sample tested during initial release to ensure compliance.
6 All input signals are specified with input rise/fall times = 3 ns, measured between the 10% and 90% points. Timing reference points at 50% for inputs and outputs.
Output load = 10 pF.
P
S
tLOW
tR
tF
tHD;STA
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tSU;STO
tHIGH
SCL
PS
SDA
tBUF
Figure 2. Serial Interface Timing Diagram


Podobny numer części - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
More results

Podobny opis - AD7150_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
986Kb / 28P
   Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151 Datasheet
518Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
   Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
   Converter for Proximity Sensing
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
[Old version datasheet]   Capacitance-to-Digital Converter for Proximity Level Sensing Applications
logo
Analog Devices
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
   2-Channel Capacitance Converter
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
   2 Channel Ultra low capacitance ESD Protection
logo
Texas Instruments
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
   Proximity Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com