Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7243 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD7243
Szczegółowy opis  LC MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7243 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD7243_15 Datasheet HTML 4Page - Analog Devices AD7243_15 Datasheet HTML 5Page - Analog Devices AD7243_15 Datasheet HTML 6Page - Analog Devices AD7243_15 Datasheet HTML 7Page - Analog Devices AD7243_15 Datasheet HTML 8Page - Analog Devices AD7243_15 Datasheet HTML 9Page - Analog Devices AD7243_15 Datasheet HTML 10Page - Analog Devices AD7243_15 Datasheet HTML 11Page - Analog Devices AD7243_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AD7243
–8–
REV. A
APPLYING THE AD7243
Power Supply Decoupling
To achieve optimum performance when using the AD7243, the
VDD and VSS lines should each be decoupled to DGND using
0.1
µF capacitors. In noisy environments it is recommended
that 10
µF capacitors be connected in parallel with the 0.1 µF
capacitors.
The internal scaling resistors provided on the AD7243 allow
several output voltage ranges. The part can produce unipolar
output ranges of 0 V to +5 V or 0 V to +10 V and a bipolar out-
put range of
±5 V. Connections for the various ranges are out-
lined below.
Unipolar (0 V to +10 V) Configuration
The first of the configurations provides an output voltage range
of 0 V to +10 V. This is achieved by connecting the output off-
set resistor ROFS (Pin 13) to AGND. Natural Binary data format
is selected by connecting
BIN/COMP (Pin 4) to DGND. In this
configuration, the AD7243 can be operated using either single
or dual supplies. Note that the VDD supply must be
≥+14.25 V
for this range in order to maintain sufficient amplifier head-
room. Dual supplies may be used to improve settling time and
give increased current sink capability for the amplifier. Figure 9
shows the connection diagram for unipolar operation of the
AD7243. Table I shows the digital code vs. analog output for
this configuration.
DAC
AGND
DGND
REFOUT
REFIN
ROFS
VOUT
VDD
2R
2R
AD7243*
BIN/
COMP
0V OR VSS
0V TO + 10V
*ADDITIONAL PINS OMITTED FOR CLARITY
VDD
VSS
Figure 9. Unipolar (0 V to +10 V) Configuration
Table I. Unipolar Code Table (0 V to +10 V Range)
Input Data Word
MSB
LSB
Analog Output, VOUT
XXXX 1111 1111 1111
+2 REFIN
× (4095/4096)
XXXX 1000 0000 0001
+2 REFIN
× (2049/4096)
XXXX 1000 0000 0000
+2 REFIN
× (2048/4096)= +REFIN
XXXX 0111 1111 1111
+2 REFIN
× (2047/4096)
XXXX 0000 0000 0001
+2 REFIN
× (1/4096)
XXXX 0000 0000 0000
0 V
X = Don’t Care.
Note: 1 LSB = 2 REFIN/4096.
Unipolar (0 V to +5 V) Configuration
The 0 V to +5 V output voltage range is achieved by connecting
ROFS to VOUT. Once again, the AD7243 can be operated using
either single or dual supplies. The table for output voltage vs.
digital code is as in Table I, with 2REFIN replaced by REFIN.
Note, for this range, 1 LSB = REFIN • (2
–12 ) = (REFIN/4096).
Bipolar ( 5 V) Configuration
The bipolar configuration for the AD7243, which gives an out-
put range of –5 V to +5 V, is achieved by connecting ROFS to
REFIN. The AD7243 must be operated from dual supplies to
achieve this output voltage range. Either offset binary or two’s
complement data format may be selected. Figure 10 shows the
connection diagram for bipolar operation. An AD586 provides
the reference voltage for the DAC but this could be provided by
the on-chip reference by connecting REFOUT to REFIN.
VDD
DAC
AGND
DGND
REFIN
ROFS
2R
2R
AD7243*
BIN/ COMP
–5V TO + 5V
*ADDITIONAL PINS OMITTED FOR CLARITY
AD586
GND
+VIN
VOUT
VDD
VSS
VSS
VOUT
VDD
Figure 10. Bipolar Configuration with External Reference
Bipolar Operation (Two’s Complement Data Format)
The AD7243 is configured for two’s complement data format
by connecting
BIN/COMP (Pin 4) high. The analog output vs.
digital code is shown in Table II.
Table II. Two’s Complement Bipolar Code Table
Input Data Word
MSB
LSB
Analog Output, VOUT
XXXX 0111 1111 1111
+REFIN
× (2047/2048)
XXXX 0000 0000 0001
+REFIN
× (1/2048)
XXXX 0000 0000 0000
0 V
XXXX 1111 1111 1111
–REFIN
× (1/2048)
XXXX 1000 0000 0001
–REFIN
× (2047/2048)
XXXX 1000 0000 0000
–REFIN
× (2048/2048) = –REFIN
X = Don’t Care.
Note: 1 LSB = REFIN/2048.
Bipolar Operation (Offset Binary Data Format)
The AD7243 is configured for Offset Binary data format by
connecting
BIN/COMP (Pin 4) low. The analog output vs. digi-
tal code may be obtained by inverting the MSB in Table II.


Podobny numer części - AD7243_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7243AN AD-AD7243AN Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
logo
List of Unclassifed Man...
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
logo
Analog Devices
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
More results

Podobny opis - AD7243_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7233 AD-AD7233_15 Datasheet
103Kb / 8P
   LC MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7237 AD-AD7237_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7247 AD-AD7247_15 Datasheet
1Mb / 12P
   LC MOS Dual 12 Bit DACPORT
REV. A
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ANZ AD-AD7243ANZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com