Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7266 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7266
Szczegółowy opis  Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7266 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7266_15 Datasheet HTML 5Page - Analog Devices AD7266_15 Datasheet HTML 6Page - Analog Devices AD7266_15 Datasheet HTML 7Page - Analog Devices AD7266_15 Datasheet HTML 8Page - Analog Devices AD7266_15 Datasheet HTML 9Page - Analog Devices AD7266_15 Datasheet HTML 10Page - Analog Devices AD7266_15 Datasheet HTML 11Page - Analog Devices AD7266_15 Datasheet HTML 12Page - Analog Devices AD7266_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD7266
Rev. B | Page 8 of 28
Pin No.
Mnemonic
Description
28, 30
DOUTB,
DOUTA
Serial Data Outputs. The data output is supplied to each pin as a serial data stream. The bits are clocked out on the
falling edge of the SCLK input and 14 SCLKs are required to access the data. The data simultaneously appears on
both pins from the simultaneous conversions of both ADCs. The data stream consists of two leading zeros
followed by the 12 bits of conversion data. The data is provided MSB first. If CS is held low for 16 SCLK cycles rather
than 14, then two trailing zeros will appear after the 12 bits of data. If CS is held low for a further 16 SCLK cycles on
either DOUTA or DOUTB, the data from the other ADC follows on the DOUT pin. This allows data from a simultaneous
conversion on both ADCs to be gathered in serial format on either DOUTA or DOUTB using only one serial port. See
the
section.
Serial Interface
31
VDRIVE
Logic Power Supply Input. The voltage supplied at this pin determines at what voltage the interface operates. This
pin should be decoupled to DGND. The voltage at this pin may be different than that at AVDD and DVDD but should
never exceed either by more than 0.3 V.
32
DVDD
Digital Supply Voltage, 2.7 V to 5.25 V. This is the supply voltage for all digital circuitry on the AD7266. The DVDD
and AVDD voltages should ideally be at the same potential and must not be more than 0.3 V apart even on a
transient basis. This supply should be decoupled to DGND.
EPAD
Exposed Pad. The exposed metal paddle on the bottom of the LFCSP package should be soldered to PCB ground.


Podobny numer części - AD7266_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
More results

Podobny opis - AD7266_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
   Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265BCPZ AD-AD7265BCPZ Datasheet
690Kb / 28P
   Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
   Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
AD7266 AD-AD7266 Datasheet
752Kb / 17P
   Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrG
AD7265 AD-AD7265 Datasheet
706Kb / 16P
   Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
Rev. PrA
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com