Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7356 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD7356
Szczegółowy opis  Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7356 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD7356_15 Datasheet HTML 6Page - Analog Devices AD7356_15 Datasheet HTML 7Page - Analog Devices AD7356_15 Datasheet HTML 8Page - Analog Devices AD7356_15 Datasheet HTML 9Page - Analog Devices AD7356_15 Datasheet HTML 10Page - Analog Devices AD7356_15 Datasheet HTML 11Page - Analog Devices AD7356_15 Datasheet HTML 12Page - Analog Devices AD7356_15 Datasheet HTML 13Page - Analog Devices AD7356_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AD7356
Rev. A | Page 9 of 20
0
500
1000
1500
2000
2500
3000
CURRENT LOAD (µA)
2.0460
2.0462
2.0464
2.0466
2.0468
2.0470
2.0472
2.0474
2.0476
2.0478
2.0480
2.0482
Figure 9. VREF vs. Reference Output Current Drive
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10
2030
40
506070
80
SCLK FREQUENCY (MHz)
INL MAX
DNL MAX
INL MIN
DNL MIN
Figure 10. Linearity Error vs. SCLK Frequency
–1.0
–0.6
–0.2
0.2
0.6
1.0
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
EXTERNAL VREF (V)
INL MAX
DNL MAX
INL MIN
DNL MIN
Figure 11. Linearity Error vs. External VREF
5
6
7
8
9
10
11
1.82.02.22.4
2.62.83.03.23.43.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 12. Access Time vs. VDRIVE
4
5
6
7
8
9
1.82.02.22.4
2.62.83.03.23.43.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 13. Hold Time vs. VDRIVE


Podobny numer części - AD7356_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7356 AD-AD7356_17 Datasheet
606Kb / 21P
   Differential Input, Dual, Simultaneous Sampling
More results

Podobny opis - AD7356_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357 Datasheet
196Kb / 17P
   Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
AD7262 AD-AD7262_17 Datasheet
881Kb / 33P
   1 MSPS, 12-Bit, Simultaneous Sampling SAR ADC
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com